Electronic Components Datasheet Search |
|
FSCQ Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FSCQ Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 44 page FSCQ-SERIES 4 Absolute Maximum Ratings (Ta=25 °C, unless otherwise specified) Parameter Symbol Value Unit Drain Pin Voltage VDS 650 V Supply Voltage VCC 20 V Analog Input Voltage Range Vsync -0.3 to 13V V VFB -0.3 to VCC V Drain Current Pulsed (1) IDM FSCQ0565RT 11.2 A FSCQ0765RT 15.2 FSCQ0965RT 16.4 FSCQ1265RT 21.2 FSCQ1465RT 22 FSCQ1565RT 26.4 FSCQ1565RP 33.2 Continuous Drain Current(Tc=25 °C) (Tc : Case Back Surface Temperature) ID FSCQ0565RT 2.8 A (rms) FSCQ0765RT 3.8 FSCQ0965RT 4.1 FSCQ1265RT 5.3 FSCQ1465RT 5.5 FSCQ1565RT 6.6 FSCQ1565RP 8.3 Continuous Drain Current * (TDL=25°C) (TDL :Drain Lead Temperature) ID* FSCQ0565RT 5 A (rms) FSCQ0765RT 7 FSCQ0965RT 7.6 FSCQ1265RT 11 FSCQ1465RT 12 FSCQ1565RT 13.3 FSCQ1565RP 15 Continuous Drain Current (TC=100°C) ID FSCQ0565RT 1.7 A (rms) FSCQ0765RT 2.4 FSCQ0965RT 2.6 FSCQ1265RT 3.4 FSCQ1465RT 3.5 FSCQ1565RT 4.4 FSCQ1565RP 5.5 Single-Pulsed Avalanche Energy (2) EAS FSCQ0565RT 400 mJ FSCQ0765RT 570 FSCQ0965RT 630 FSCQ1265RT 950 FSCQ1465RT 1000 FSCQ1565RT 1050 FSCQ1565RP 1050 |
Similar Part No. - FSCQ |
|
Similar Description - FSCQ |