Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ Datasheet(PDF) 33 Page - Fairchild Semiconductor

Part # FSCQ
Description  Green Mode Fairchild Power Switch (FPS)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ Datasheet(HTML) 33 Page - Fairchild Semiconductor

Back Button FSCQ Datasheet HTML 29Page - Fairchild Semiconductor FSCQ Datasheet HTML 30Page - Fairchild Semiconductor FSCQ Datasheet HTML 31Page - Fairchild Semiconductor FSCQ Datasheet HTML 32Page - Fairchild Semiconductor FSCQ Datasheet HTML 33Page - Fairchild Semiconductor FSCQ Datasheet HTML 34Page - Fairchild Semiconductor FSCQ Datasheet HTML 35Page - Fairchild Semiconductor FSCQ Datasheet HTML 36Page - Fairchild Semiconductor FSCQ Datasheet HTML 37Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
FSCQ-SERIES
33
2. Transformer Schematic Diagram
3.Winding Specification
4.Electrical Characteristics
5. Core & Bobbin
Core : EER4245
Bobbin : EER4245(18Pin)
Ae : 201.8 mm2
No
Pin (s
→f)
Wire
Turns
Winding Method
N24
18 - 17
0.65φ
× 2
5
Space Winding
Np1
1 - 3
0.08φ
× 20 × 2
13
Center Winding
N140V/2
16 - 15
0.08φ
× 20 × 2
15
Center Winding
Np2
3 - 4
0.08φ
× 20 × 2
13
Center Winding
N140V/2
15 - 14
0.08φ
× 20 × 2
14
Center Winding
N8.5V
12 - 13
0.6φ
× 1
2
Space Winding
N15V
11 - 10
0.6φ
× 1
3
Space Winding
Na
7 - 6
0.3φ
× 1
8
Space Winding
Pin
Specification
Remarks
Inductance
1 - 4
260uH ± 5%
1kHz, 1V
Leakage Inductance
1 - 4
10uH Max
2nd all short
EER4245
N
24V
N
a
7
13
14
15
16
17
18
N
140V/2
N
8.5V
N
15V
N
p1
N
p2
1
2
3
4
5
6
8
910
11
12
N
140V/2
N
8.5V
N
140V/2
N
P2
N
P1
N
140V/2
N
24V
N
15V
N
a


Similar Part No. - FSCQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ FAIRCHILD-FSCQ Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RTYDTU FAIRCHILD-FSCQ0565RTYDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSCQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com