Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSBM20SM60A Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part No. FSBM20SM60A
Description  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM20SM60A Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FSBM20SM60A Datasheet HTML 8Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 9Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 10Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 11Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 12Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 13Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 14Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 15Page - Fairchild Semiconductor FSBM20SM60A Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
Note:
1) RPLCPL/RPHCPH /RPFCPF coupling at each SPM input is recommended in order to prevent input signals’ oscillation and it should be as close as possible to each
SPM input pin.
2) By virtue of integrating an application specific type HVIC inside the SPM, direct coupling to CPU terminals without any opto-coupler or transformer isolation is
possible.
3) VFO output is open collector type. This signal line should be pulled up to the positive side of the 5V power supply with approximately 4.7kΩ resistance. Please
refer to Fig. 14.
4) CSP15 of around 7 times larger than bootstrap capacitor CBS is recommended.
5) VFO output pulse width should be determined by connecting an external capacitor(CFOD) between CFOD(pin8) and COM(L)(pin2). (Example : if CFOD = 33 nF, then
tFO = 1.8 ms (typ.)) Please refer to the note 6 for calculation method.
6) Each input signal line should be pulled up to the 5V power supply with approximately 4.7k
Ω (at high side input) or 2kΩ (at low side input) resistance (other RC
coupling circuits at each input may be needed depending on the PWM control scheme used and on the wiring impedance of the system’s printed circuit board).
Approximately a 0.22~2nF by-pass capacitor should be used across each power supply connection terminals.
7) To prevent errors of the protection function, the wiring around RSC, RF and CSC should be as short as possible.
8) In the short-circuit protection circuit, please select the RFCSC time constant in the range 3~4 µs.
9) To enhance the noise immunity, CSC pin should be connected to the external circuit through a series resistor, RCSC, which is approximately 390Ω. RSCS should
be connected to CSC pin as close as possible.
10)Each capacitor should be mounted as close to the pins of the SPM as possible.
11)To prevent surge destruction, the wiring between the smoothing capacitor and the P&N pins should be as short as possible. The use of a high frequency non-
inductive capacitor of around 0.1~0.22 uF between the P&N pins is recommended.
12)Relays are used at almost every systems of electrical equipments of home appliances. In these cases, there should be sufficient distance between the CPU and
the relays. It is recommended that the distance be 5cm at least.
Fig. 14. Typical Application Circuit
COM(L)
VCC
IN(UL)
IN(VL)
IN(WL)
VFO
C(FO D)
C(SC)
OUT(UL)
OUT(VL)
OUT(W L)
N
U (26)
N
V (27)
N
W (28)
U (29)
V (30)
W (31)
P (32)
(23) V
S(W)
(22) V
B(W)
(19) V
S(V)
(18) V
B(V)
(9) C
SC
(8) C
FOD
(7) V
FO
(5) IN
(W L)
(4) IN
(VL)
(3) IN
(UL)
(2) COM
(L)
(1) V
CC(L)
(10) R
SC
NC (24)
NC (25)
(6) COM
(L)
VCC
VB
OUT
COM
VS
IN
VB
VS
OUT
IN
COM
VCC
VCC
VB
OUT
COM
VS
IN
(21) V
CC(W H)
(20) IN
(W H)
(17) V
CC(VH)
(15) IN
(VH)
(16) COM
(H)
(14) V
S(U)
(13) V
B(U)
(12) V
CC(UH)
(11) IN
(UH)
Fault
15V line
C
BS
C
BSC
R
BS
D
BS
C
BS
C
BSC
R
BS
D
BS
C
BS
C
BSC
R
BS
D
BS
C
SP15
C
SPC15
C
FO D
5V line
R
PF
C
PL
C
BPF
R
PL
R
PL
R
PL
C
PL
C
PL
5V line
C
PH
R
PH
C
PH
R
PH
C
PH
R
PH
R
S
R
S
R
S
R
S
R
S
R
S
R
S
M
Vdc
C
DCS
G ating UH
G ating VH
G ating W H
G ating W H
G ating VH
G ating UH
C
PF
C
C
C
C
P
P
P
P
U
U
U
U
R
FU
R
FV
R
FW
R
SU
R
SV
R
SW
C
FU
C
FV
C
FW
W -Phase Current
V-Phase Current
U-Phase Current
R
F
C
SC
R
SC
R
CSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM15SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn