Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4420 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part No. 4420
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

4420 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  4420 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0
246
8
10
VGS =10thru 4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.002
0.004
0.006
0.008
0.010
0.012
0
10203040
50
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
04
8
12
16
VDS = 24 V
ID = 11 A
VDS =15 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
300
600
900
1200
0
6
12
18
24
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V
VGS =10 V
ID = 11 A
TJ -Junction Temperature (°C)
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3413


Similar Part No. - 4420

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4420-DKDB1 ETC2-4420-DKDB1 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
4420-DKDB2 ETC2-4420-DKDB2 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
Schurter Inc.
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
More results

Similar Description - 4420

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SI4404DY VISHAY-SI4404DY Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 15-Sep-03
SI4364DY VISHAY-SI4364DY Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
Vaishali Semiconductor
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4336DY VISHAY-SI4336DY Datasheet
59Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-Oct-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz