Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4420 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part No. 4420
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

4420 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  4420 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
2
6
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
Ω
VGS = 4.5 V, ID = 9 A
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
5
0
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
8
00
pF
Output Capacitance
Coss
1
65
Reverse Transfer Capacitance
Crss
73
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
15
23
nC
VDS = 15 V, VGS = 5 V, ID = 10 A
6.8
10.2
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
2.3
Gate Resistance
Rg
f = 1 MHz
0.36
1.8
3.6
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.4 Ω
ID ≅ 9 A, VGEN = 4.5 V, Rg = 1 Ω
16
2
3
ns
Rise Time
tr
12
1
6
Turn-Off Delay Time
td(off)
16
2
2
Fall Time
tf
10
18
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.4 Ω
ID ≅ 9 A, VGEN = 10 V, Rg = 1 Ω
816
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
16
2
2
Fall Time
tf
815
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
10
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 9 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 9 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7
0.0
08
0.0
11
2
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3413


Similar Part No. - 4420

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4420-DKDB1 ETC2-4420-DKDB1 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
4420-DKDB2 ETC2-4420-DKDB2 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
Schurter Inc.
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
More results

Similar Description - 4420

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SI4404DY VISHAY-SI4404DY Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 15-Sep-03
SI4364DY VISHAY-SI4364DY Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
Vaishali Semiconductor
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4336DY VISHAY-SI4336DY Datasheet
59Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-Oct-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz