Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4420 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 4420
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

4420 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  4420 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
Optimized for High-Side Synchronous
Rectifier Operation
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Notebook CPU Core
- High-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0
08 at VGS= 10 V
13
6.
1 nC
0.01
1 at VGS = 4.5 V
11
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1
3
A
TC = 70 °C
TA = 25 °C
9b, c
TA = 70 °C
7b, c
Pulsed Drain Current
IDM
45
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.
7
TA = 25 °C
2.
0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2
0
Avalanche Energy
EAS
2
1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.
1
W
TC = 70 °C
2.
5
TA = 25 °C
2.
2b, c
TA = 70 °C
1.
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
3
9
5
5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
2
5
2
9
1
0
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
4420


Similar Part No. - 4420

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4420-DKDB1 ETC2-4420-DKDB1 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
4420-DKDB2 ETC2-4420-DKDB2 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
Schurter Inc.
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
More results

Similar Description - 4420

ManufacturerPart #DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SI4404DY VISHAY-SI4404DY Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 15-Sep-03
SI4364DY VISHAY-SI4364DY Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
Vaishali Semiconductor
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4336DY VISHAY-SI4336DY Datasheet
59Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-Oct-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com