Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4420 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. 4420
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

4420 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  4420 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 4420 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.005
0.010
0.015
0.020
0.025
0.030
02
4
6
8
10
TJ =25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
50
10
Time (s)
20
1
100
600
10
10-1
10-2
10-3
30
40
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 µA
1s
10 s
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
4
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3413


Similar Part No. - 4420

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
4420-DKDB1 ETC2-4420-DKDB1 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
4420-DKDB2 ETC2-4420-DKDB2 Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
Schurter Inc.
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
More results

Similar Description - 4420

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SI4404DY VISHAY-SI4404DY Datasheet
57Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 15-Sep-03
SI4364DY VISHAY-SI4364DY Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
Vaishali Semiconductor
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Vishay Siliconix
Vishay Siliconix
SI4336DY VISHAY-SI4336DY Datasheet
59Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 04-Oct-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz