Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG2130 Datasheet(PDF) 8 Page - Silver Telecom 2019

Part # AG2130
Description  Low Cost PSTN Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG2130 Datasheet(HTML) 8 Page - Silver Telecom 2019

Back Button AG2130 Datasheet HTML 3Page - Silver Telecom 2019 AG2130 Datasheet HTML 4Page - Silver Telecom 2019 AG2130 Datasheet HTML 5Page - Silver Telecom 2019 AG2130 Datasheet HTML 6Page - Silver Telecom 2019 AG2130 Datasheet HTML 7Page - Silver Telecom 2019 AG2130 Datasheet HTML 8Page - Silver Telecom 2019 AG2130 Datasheet HTML 9Page - Silver Telecom 2019 AG2130 Datasheet HTML 10Page - Silver Telecom 2019 AG2130 Datasheet HTML 11Page - Silver Telecom 2019  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
V1.7 July 2010
Data Sheet
© Silver Telecom 2010
8
Ag2130
LOW COST PSTN INTERFACE
7.0
Absolute Maximum Ratings*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Sym
Min
Max
Units
1 DC supply voltage
VCC
-0.3
6.0
V
2 DC battery voltage present between Tip and Ring (on-hook)
VTR
300
V
3 Maximum voltage on programmable pin, LSC
-0.3
6.0
V
4 Maximum power dissipation @ 25
C
PTRUNK
0.75
W
5 Maximum loop current (continuous)
ILOOP
90
mA
6 Maximum ringing current (for 0.5 second)
IRING
185
mARMS
7 Storage Temperature
TS
-40
+100
OC
*Exceeding the above ratings may cause permanent damage to the product. Functional operation under these conditions is not implied.
Maximum ratings assume free air flow.
8.0
Recommended Operating Conditions*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Symbol
Min
Typ
Max
Units
1
DC supply voltage (+5V operation)
VCC
4.75
5.0
5.25
V
2
DC supply voltage (+3.3V operation)
VCC
3.13
3.3
3.47
V
3
DC battery voltage on Tip and Ring
(on-hook)
VTIP
VRING
0
0
0
-48
-120
-120
V
V
4
DC loop current
ILOOP
0
25
85
mA
5
Operating Temperature
TOP
0
25
70
OC
*Typical figures are at 25
°C with nominal +5V or +3.3V supplies and are for design use only.


Similar Part No. - AG2130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
More results

Similar Description - AG2130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
Agere Systems
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Teridian Semiconductor ...
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
   Low Cost Smart Card Interface
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
logo
Cypress Semiconductor
CY7C960 CYPRESS-CY7C960 Datasheet
250Kb / 10P
   Low Cost VMEbus Interface Controller Family
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com