Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX574SD Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LCX574SD
Description  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX574SD Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX574SD Datasheet HTML 1Page - ON Semiconductor MC74LCX574SD Datasheet HTML 2Page - ON Semiconductor MC74LCX574SD Datasheet HTML 3Page - ON Semiconductor MC74LCX574SD Datasheet HTML 4Page - ON Semiconductor MC74LCX574SD Datasheet HTML 5Page - ON Semiconductor MC74LCX574SD Datasheet HTML 6Page - ON Semiconductor MC74LCX574SD Datasheet HTML 7Page - ON Semiconductor MC74LCX574SD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX574
LCX DATA
BR1339 — REV 3
5
MOTOROLA
WAVEFORM 3 – PULSE WIDTH
tR = tF = 2.5ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8V, VOH ≥ 2.0V
2.7V
0V
2.7V
0V
1.5V
1.5V
Figure 1. AC Waveforms
tw
1.5V
1.5V
tw
WAVEFORM 2 – OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
≈ 0V
OE
On
tPZH
≈ 3.0V
tPHZ
tPZL
tPLZ
On
1.5V
1.5V
1.5V
VCC
VOH – 0.3V
VOL + 0.3V
GND
1.5V
CP
CP
WAVEFORM 1 – PROPAGATION DELAYS, SETUP AND HOLD TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
2.7V
0V
Dn
CP
1.5V
On
2.7V
0V
VOH
VOL
tPLH, tPHL
th
ts
1.5V
1.5V
fmax
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V
Open Collector/Drain tPLH and tPHL
6V
tPZH, tPHZ
GND
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Similar Part No. - MC74LCX574SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX574SD MOTOROLA-MC74LCX574SD Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results

Similar Description - MC74LCX574SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com