Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG103 Datasheet(PDF) 14 Page - Silver Telecom 2019

Part No. AG103
Description  Intelligent Sealed Lead Acid Solar Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG103 Datasheet(HTML) 14 Page - Silver Telecom 2019

Back Button AG103 Datasheet HTML 10Page - Silver Telecom 2019 AG103 Datasheet HTML 11Page - Silver Telecom 2019 AG103 Datasheet HTML 12Page - Silver Telecom 2019 AG103 Datasheet HTML 13Page - Silver Telecom 2019 AG103 Datasheet HTML 14Page - Silver Telecom 2019 AG103 Datasheet HTML 15Page - Silver Telecom 2019 AG103 Datasheet HTML 16Page - Silver Telecom 2019 AG103 Datasheet HTML 17Page - Silver Telecom 2019 AG103 Datasheet HTML 18Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
V1.2 Sept 2019
Data Sheet
© Silver Telecom 2019
14
Ag103
Sealed Lead Acid Solar Battery Charger Module
5 Typical Application
The Ag103 is ideal for solar powered applications such as roadside warnings, parking
meters and LED street lighting. Figure 9 shows a very simple method of connecting the
Ag103 for this application where the power is permanently connected to the load.
However if your application requires only to be used as a battery back up system, for
example emergency lighting, alarm systems, door access control and UPS, then a typical
application is shown in figure 10.
C1 should be positioned as close to the input pins as possible and TH1 should be in
physical contact with the battery. It is also very important that the GND and Bat- pins are
not connected together as this could permanently damage the battery.
Input PWR
Input GND
Bat +
C1
* Note: TH1 = 47K NTC, B(K) = 4000
Load Over-current /Battery reversal protection:
D1 = SK154 or Equivalent
Fuse = 10A Slow Blow
Ag103
GND
VIN+
+
470uF
+Vdc
-Vdc
Solar Input
+
TH1
Bat -
THERM
Load
Output
FUSE
D1
LE
2K
Permanent Load
Figure 9: Typical Application - Permanent Load


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn