Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG103 Datasheet(PDF) 11 Page - Silver Telecom 2019

Part No. AG103
Description  Intelligent Sealed Lead Acid Solar Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG103 Datasheet(HTML) 11 Page - Silver Telecom 2019

Back Button AG103 Datasheet HTML 7Page - Silver Telecom 2019 AG103 Datasheet HTML 8Page - Silver Telecom 2019 AG103 Datasheet HTML 9Page - Silver Telecom 2019 AG103 Datasheet HTML 10Page - Silver Telecom 2019 AG103 Datasheet HTML 11Page - Silver Telecom 2019 AG103 Datasheet HTML 12Page - Silver Telecom 2019 AG103 Datasheet HTML 13Page - Silver Telecom 2019 AG103 Datasheet HTML 14Page - Silver Telecom 2019 AG103 Datasheet HTML 15Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
V1.2 Sept 2019
Data Sheet
© Silver Telecom 2019
11
Ag103
Sealed Lead Acid Solar Battery Charger Module
4.6 Status Output
The Ag103 has a status indication output pin
‘STAT’; that can be connected to a μ-
controller input for full status monitoring or can be used with an LED as an indicator (as
shown in Figure 7).
Ag103
(Input) GND
To
μ-controller
STAT
(+3V3)
1K
Internal
Reference
Voltage
μ-controller
BC846W
LED
Ag103
STAT
1K
VIN+
(+3V3)
Internal
Reference
Voltage
μ-controller
Figure 7: STAT Output Configurations
Table 4, shows the different mode conditions of the Ag103: -
Mode
Status Mode
STAT Output
0
Bulk Charge Operation
Steady State ‘Logic 1’
1
Float Charge
50%
‘Logic 1’ 50% ‘Logic 0’
2
Over Current Error
1 Pulse
3
Over Temperature Error
2 Pulses
4
Disconnected Battery Error
3 Pulses
5
Input Voltage Removed / No Solar Power
Steady State ‘Logic 0’
Table 4: STAT Output Conditions
4.6.1
Mode 0
– Bulk Charge Operation
Once the Ag103 has checked the battery capacity and sees a 12V battery connected it will
power up and
the ‘STAT’ pin will output a steady state 'logic 1'.
The Ag103 will continue to output this state until the battery has reached it's 80% charge
before switching to float charge and entering Mode 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn