Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG103 Datasheet(PDF) 7 Page - Silver Telecom 2019

Part No. AG103
Description  Intelligent Sealed Lead Acid Solar Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG103 Datasheet(HTML) 7 Page - Silver Telecom 2019

Back Button AG103 Datasheet HTML 3Page - Silver Telecom 2019 AG103 Datasheet HTML 4Page - Silver Telecom 2019 AG103 Datasheet HTML 5Page - Silver Telecom 2019 AG103 Datasheet HTML 6Page - Silver Telecom 2019 AG103 Datasheet HTML 7Page - Silver Telecom 2019 AG103 Datasheet HTML 8Page - Silver Telecom 2019 AG103 Datasheet HTML 9Page - Silver Telecom 2019 AG103 Datasheet HTML 10Page - Silver Telecom 2019 AG103 Datasheet HTML 11Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
V1.2 Sept 2019
Data Sheet
© Silver Telecom 2019
7
Ag103
Sealed Lead Acid Solar Battery Charger Module
4.2 Input
The Ag103 can take either a solar panel input or a very wide dc input range of 9Vdc to
36Vdc, making this module extremely flexible. For stable operation it is recommended to fit
a 470
μF capacitor across the input pins, this should be placed as close to these pins as
possible.
The Ag103 can also be powered from an AC power supply with the addition of an external
bridge rectifier. It is important that the rectified voltage across the input pins is within the
9Vdc to 36Vdc limits, Figure 4 shows examples of these inputs.
Ag103
GND
VIN+
DC Input
+
470uF
+Vdc
-Vdc
Ag103
GND
VIN+
AC Input
+
470uF
Vac
+
-
~
~
Vac
Ag103
GND
VIN+
+
470uF
+Vdc
-Vdc
Solar Input
Figure 4: Input Connections
– Solar, DC or AC Input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn