Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG103 Datasheet(PDF) 2 Page - Silver Telecom 2019

Part No. AG103
Description  Intelligent Sealed Lead Acid Solar Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG103 Datasheet(HTML) 2 Page - Silver Telecom 2019

  AG103 Datasheet HTML 1Page - Silver Telecom 2019 AG103 Datasheet HTML 2Page - Silver Telecom 2019 AG103 Datasheet HTML 3Page - Silver Telecom 2019 AG103 Datasheet HTML 4Page - Silver Telecom 2019 AG103 Datasheet HTML 5Page - Silver Telecom 2019 AG103 Datasheet HTML 6Page - Silver Telecom 2019 AG103 Datasheet HTML 7Page - Silver Telecom 2019 AG103 Datasheet HTML 8Page - Silver Telecom 2019 AG103 Datasheet HTML 9Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
V1.2 Sept 2019
Data Sheet
© Silver Telecom 2019
2
Ag103
Sealed Lead Acid Solar Battery Charger Module
Table of Contents
1
Features .......................................................................................................................1
2
Description....................................................................................................................1
2.1
Table of Figures.....................................................................................................2
Ag103 Product Selector .......................................................................................................3
3
Pin Description .............................................................................................................4
4
Functional Description ..................................................................................................6
4.1
Operation...............................................................................................................6
4.2
Input ......................................................................................................................7
4.3
Capacity Select......................................................................................................8
4.4
Load Enable ..........................................................................................................9
4.5
Thermal Compensation .........................................................................................9
4.6
Status Output.......................................................................................................11
4.6.1
Mode 0
– Bulk Charge Operation .................................................................11
4.6.2
Mode 1
– Float Charge..................................................................................12
4.6.3
Mode 2
– Over Current.................................................................................12
4.6.4
Mode 3
– Over Temperature ........................................................................12
4.6.5
Mode 4
– Disconnected battery....................................................................12
4.6.6
Mode 5 - Input Voltage Removed/ No Solar Power ......................................12
5
Typical Application......................................................................................................14
6
Operating Temperature Range ...................................................................................16
7
Protection ...................................................................................................................16
7.1
Over Current & Short Circuit Protection...............................................................16
7.2
Over Temperature Protection ..............................................................................16
7.3
Low Battery Terminal Voltage Protection ............................................................16
7.4
Deep Discharge Protection..................................................................................16
7.5
Battery Reversal ..................................................................................................16
8
Features .....................................................................................................................17
8.1
MPPT- Maximum Power Point Tracking ..............................................................17
9
Electrical Characteristics ............................................................................................18
9.1
Absolute Maximum Ratings*................................................................................18
9.2
Recommended Operating Conditions..................................................................18
9.3
DC Electrical Characteristics*..............................................................................18
10
Package ..................................................................................................................19
2.1 Table of Figures
Figure 1: Block Diagram with External Components............................................................3
Figure 2: Ag103 DIL Package Format .................................................................................5
Figure 3: Basic Ag103 Charge Profile..................................................................................6
Figure 4: Input Connections
– Solar, DC or AC Input ..........................................................7
Figure 5: Capacity Select.....................................................................................................8
Figure 6: Output Adjustment ..............................................................................................10
Figure 7: STAT Output Configurations...............................................................................11
Figure 8: STAT Output Timing ...........................................................................................13
Figure 9: Typical Application - Permanent Load ................................................................14
Figure 10: Typical Application - Battery Back Up...............................................................15
Figure 11: MPPT of a 20W solar panel ..............................................................................17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn