Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG103 Datasheet(PDF) 18 Page - Silver Telecom 2019

Part No. AG103
Description  Intelligent Sealed Lead Acid Solar Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVERTEL [Silver Telecom 2019]
Direct Link  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG103 Datasheet(HTML) 18 Page - Silver Telecom 2019

Back Button AG103 Datasheet HTML 11Page - Silver Telecom 2019 AG103 Datasheet HTML 12Page - Silver Telecom 2019 AG103 Datasheet HTML 13Page - Silver Telecom 2019 AG103 Datasheet HTML 14Page - Silver Telecom 2019 AG103 Datasheet HTML 15Page - Silver Telecom 2019 AG103 Datasheet HTML 16Page - Silver Telecom 2019 AG103 Datasheet HTML 17Page - Silver Telecom 2019 AG103 Datasheet HTML 18Page - Silver Telecom 2019 AG103 Datasheet HTML 19Page - Silver Telecom 2019  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
V1.2 Sept 2019
Data Sheet
© Silver Telecom 2019
18
Ag103
Sealed Lead Acid Solar Battery Charger Module
9
Electrical Characteristics
9.1 Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
DC Supply Voltage
VCC
-0.3
40
V
2
Storage Temperature
TS
-40
+100
°C
*Exceeding the above ratings may cause permanent damage to the product. Functional operation under these conditions is not implied.
Maximum ratings assume free airflow.
9.2 Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
1
DC Input Supply Voltage
VIN
9
12
36
V
2
Solar Input Voltage (open circuit)
VIN
21
VOC
3
Operating Temperature
TOP
-20
25
70
Ta /
°C
†See Section Operating Temperature Range
9.3 DC Electrical Characteristics*
DC Characteristic
Sym
Min
Typ*
Max
Units
Test
Comments
1
Bulk Charge Constant
Current
IOUT
See
Table 3
A
2
Input Current - Idle
IIN
17
mA
Disconnected
battery
3
Battery Standby Current
IBAT
10
mA
No Input
Voltage
4
Absorption Charge
Voltage 1
VOUT1
14.2
14.4
14.6
V
5
Float Charge Voltage
VOUT2
13.5
13.65
13.8
V
6
STAT
Output Low Voltage
Output High Voltage
VOL
VOH
3.3
0.5
V
V
7
Output Ripple and Noise
(at the battery terminal)
VRN
50
mVp-p
12Ah battery
8
DC-DC Converter
Efficiency
EFFDC
87
%
At 12V-18V
input
9
Charger Efficiency
EFFBAT
82
%
10
Short-Circuit Duration
TSC
sec
11
Load Output
ILOUT
7
A
10A Fuse**
*Typical figures are at 25°C with a nominal input voltage = 12V and are for design aid only. Not Guaranteed
** Fuse to be fitted for protection against over current on the Load output pin. (see figures 9)
‡Measured between the GND and the BAT+ pins


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn