Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM9916H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSM9916H
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSM9916H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSM9916H Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM9916H Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM9916H Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM9916H Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM9916H Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM9916H Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
SSM9916H,J
Electrical Characteristics @ T j=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
18
-
-
V
∆BV
DSS/∆ Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, I
D=1mA
-
0.03
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=6A
-
-
25
m
VGS=2.5V, ID=5.2A
-
-
40
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1
V
gfs
Forward Transconductance
VDS=10V, ID=6A
-
18
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=18V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=125
oC)
VDS=18V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=18A
-
17.5
-
nC
Qgs
Gate-Source Charge
VDS=18V
-
1.2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=5V
-
7.9
-
nC
td(on)
Turn-on Delay Time
2
VDS=10V
-
7.3
-
ns
tr
Rise Time
ID=18A
-
98
-
ns
td(off)
Turn-off Delay Time
RG=3.3 Ω ,VGS=5V
-
25.6
-
ns
tf
Fall Time
RD=0.56Ω
-
98
-
ns
Ciss
Input Capacitance
VGS=0V
-
527
-
pF
Coss
Output Capacitance
VDS=18V
-
258
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
112
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.3V
-
-
35
A
ISM
Pulsed Source Current ( Body Diode )
1
--
90
A
VSD
Forward On Voltage
2
Tj=25°C, IS=35A, VGS=0V
-
-
1.3
V
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
± 12V
±100
Rev.2.02 1/29/2004


Similar Part No. - SSM9916H

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9916H SSC-SSM9916H Datasheet
429Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM9916H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com