Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5627W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5627W
Description  LA5627W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5627W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5627W Datasheet HTML 1Page - Sanyo Semicon Device LA5627W Datasheet HTML 2Page - Sanyo Semicon Device LA5627W Datasheet HTML 3Page - Sanyo Semicon Device LA5627W Datasheet HTML 4Page - Sanyo Semicon Device LA5627W Datasheet HTML 5Page - Sanyo Semicon Device LA5627W Datasheet HTML 6Page - Sanyo Semicon Device LA5627W Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA5627W
No.6151-2/7
電気的特性 / Ta=25℃, VCC=3V, VSTBY1∼4=3V
min
typ
max
unit
[エラーアンプ]
IN-端子内部バイアス電圧
VLOW FB
IN1−, IN2−端子
0.475
0.5
0.525
V
出力「L」電圧
VLOW FB
IFB=20μA
1
V
出力「H」電圧
VHi FB
IFB=−20μA
2.25
V
同相入力電圧範囲
VICM IN
0
2
V
[保護回路]
スレッシュホールド電圧
VTH SCP
1.1
1.25
1.4
V
SCP端子電流
IO SCP
3.8
μA
[休止期間調整部]
入力バイアス電流
IB DET
−15
−3
μA
スレッシュホールド電圧1 VTH1 DET
デューティサイクル=100%
0.35
0.4
0.45
V
スレッシュホールド電圧2 VTH2 DET
デューティサイクル=0%
0.67
0.77
0.87
V
[出力部]
OUT端子飽和電圧
VOSAT OUT
IOUT=+30mA
0.6
V
OUT端子出力電圧
VO OE
IOUT=−3mA, CAPH=VCC
2V
[三角波発振部]
電流設定端子電圧
VT RT
RT=5.6kΩ
1.19
1.26
1.33
V
出力電流
IOH CT
VCT=0.5V, RT=5.6kΩ
230
μA
出力電流比
ΔIO CT
0.8
1.0
1.2
発振周波数
fOSC1
200
260
320
kHz
[基準電圧部]
基準電圧
VREF
1.19
1.26
1.33
V
ラインレギュレーション
VLN REF
VCC=1.8V∼11V
10
mV
ロードレギュレーション
VLD REF
IO18=−0.1mA∼−1mA
10
mV
[サブ電源回路]
VOSUB設定電圧
VO SUB
2.1
2.2
2.3
V
OUTSUB端子ソース電流
IOUT SUB
VBAT=1.2V, VOSUB=VCC=1.8V,
1
mA
VOUTSUB=0.7V, CSUB=0.9V
CSUB発振周波数
fC SUB
100
kHz
ENコンパレータ
VTH ENSUB
3.0
3.1
3.2
V
スレッシュホールド電圧
ENコンパレータ
ΔVHYS ENSUB
0.2
0.4
0.6
V
ヒステリシス幅
ENSUB短絡電流
IEN SUB
120
μA
[STBY回路]
ON電圧
VON STBY
1.15
V
OFF電圧
VOFF STBY
0.2
V
端子入力電流
IIN STBY
VSTBY=3V
70
μA
[全回路]
動作時消費電流
ICC1
ENSUB=0V
7.5
10.5
mA
スタンバイ時消費電流
ICC2
10
μA


Similar Part No. - LA5627W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5620 SANYO-LA5620 Datasheet
67Kb / 4P
   Regulator for Multiple Power Supply Systems
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
LA5621V SANYO-LA5621V Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
LA5623M SANYO-LA5623M Datasheet
50Kb / 4P
   Combination System Reset IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com