Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAMV06077E-3R3MM2 Datasheet(PDF) 9 Page - Cyntec Co., Ltd.

Part # VAMV06077E-3R3MM2
Description  The history of revision change for the specification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VAMV06077E-3R3MM2 Datasheet(HTML) 9 Page - Cyntec Co., Ltd.

  VAMV06077E-3R3MM2 Datasheet HTML 1Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 2Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 3Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 4Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 5Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 6Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 7Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 8Page - Cyntec Co., Ltd. VAMV06077E-3R3MM2 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT : CYNVA-175-003
REVISION
: A7
PAGE
: 9 OF 9
Reflow Profile
Power Choke Coil Type
25°C to Peak ( 8 minutes max.)
25℃
Time
tp:30 Sec max.
Max. Ramp Down Rate =6℃/s
Max. Ramp Up Rate =3℃/s
150℃
200℃
217℃
260℃
Tp
60~120 Sec
Preheat Area
60~150 Sec
(1) Reflow Soldering Method :
Reflow Soldering
Tp:255~260℃
Max.30 seconds ( tp )
217℃
60~150 seconds
Pre-Heat
150 ~ 200℃
60~120 seconds
Time 25℃ to peak temperature
8 minutes max.
(2) Soldering iron Method : 350
 5℃ max.3 seconds
Issued


Similar Part No. - VAMV06077E-3R3MM2

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
VAMV08089A-100MM2 CYNTEC-VAMV08089A-100MM2 Datasheet
969Kb / 8P
   The history of revision change for the specification
VAMV08089A-150MM2 CYNTEC-VAMV08089A-150MM2 Datasheet
969Kb / 8P
   The history of revision change for the specification
VAMV08089A-220MM2 CYNTEC-VAMV08089A-220MM2 Datasheet
969Kb / 8P
   The history of revision change for the specification
VAMV08089A-6R8MM2 CYNTEC-VAMV08089A-6R8MM2 Datasheet
969Kb / 8P
   The history of revision change for the specification
More results

Similar Description - VAMV06077E-3R3MM2

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CYNVA-175-002 CYNTEC-CYNVA-175-002 Datasheet
969Kb / 8P
   The history of revision change for the specification
CYNVC-19X-032 CYNTEC-CYNVC-19X-032 Datasheet
1Mb / 9P
   The history of revision change for the specification
CYNVC-19X-031 CYNTEC-CYNVC-19X-031 Datasheet
971Kb / 8P
   The history of revision change for the specification
CYNVC-19X-030 CYNTEC-CYNVC-19X-030 Datasheet
998Kb / 8P
   The history of revision change for the specification
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
   Revision History
30-Dec-2021
DA14582 RENESAS-DA14582 Datasheet
237Kb / 3P
   Revision History
04-Jan-2022
DA14583 RENESAS-DA14583 Datasheet
266Kb / 3P
   Revision History
04-Jan-2022
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com