Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM3684-RU-00A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EVM3684-RU-00A
Description  18V 15A Step-Down Power Module Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVM3684-RU-00A Datasheet(HTML) 7 Page - Monolithic Power Systems

  EVM3684-RU-00A Datasheet HTML 1Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 2Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 3Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 4Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 5Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 6Page - Monolithic Power Systems EVM3684-RU-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVM3684-RU-00A – 18V 15A STEP-DOWN POWER MODULE
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EVM3684-RU-00A Rev. 1.0
www.MonolithicPower.com
7
10/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set externally which can be regulated as 1V, 1.2V, 1.5V or 1.8V by
choosing the jumper position. The input voltage can range from 8V to 18V. The minimum 8V input
voltage is limited by the EN signal, which is derived from VIN through a resistor divider. Lower input
voltage (as low as 4.5V) can be set by fine tuning the resistor divider values. The following is the
procedures to turn on the power module.
1. Put the jumper to the position to the desired output voltage setting.
2. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
3. Preset the power supply output between 8V and 18V, and then turn off the power supply. Make
sure the power supply has high enough current limit to supply the current.
4. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
5. Turn the power supply on. The power module will automatically start up.


Similar Part No. - EVM3684-RU-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
   18V 6A Step-Down Power Module Evaluation Board
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
   18V 20A Step-Down Power Module Evaluation Board
More results

Similar Description - EVM3684-RU-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
   18V 6A Step-Down Power Module Evaluation Board
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
   18V 20A Step-Down Power Module Evaluation Board
MPM3684 MPS-MPM3684 Datasheet
1Mb / 19P
   18V 15A Step-Down Power Module in 12x15x4mm QFN
EV2319-J-00A MPS-EV2319-J-00A Datasheet
377Kb / 6P
   18V/3A, 650KHz, Step Down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
   High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
   High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
   High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
   High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
logo
Renesas Technology Corp
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com