Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7H4001-SP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7H4001-SP
Description  TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7H4001-SP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS7H4001-SP Datasheet HTML 20Page - Texas Instruments TPS7H4001-SP Datasheet HTML 21Page - Texas Instruments TPS7H4001-SP Datasheet HTML 22Page - Texas Instruments TPS7H4001-SP Datasheet HTML 23Page - Texas Instruments TPS7H4001-SP Datasheet HTML 24Page - Texas Instruments TPS7H4001-SP Datasheet HTML 25Page - Texas Instruments TPS7H4001-SP Datasheet HTML 26Page - Texas Instruments TPS7H4001-SP Datasheet HTML 27Page - Texas Instruments TPS7H4001-SP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
tSS :ms; =
0.8 × CSS (nF) × VREF (V)
ISS (µA)
24
TPS7H4001-SP
SLVSEN7 – APRIL 2020
www.ti.com
Product Folder Links: TPS7H4001-SP
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Switching Frequency, SYNC, and RT Pin Usage Table
MODE
RT PIN
SYNC1 PIN
SYNC2 PIN
SWITCHING
FREQUENCY
Internal oscillator
Resistor to GND
based on
Figure 51
Floating
GND
Configurable using
internal oscillator from
100 kHz to 1 MHz
depending on RT
resistor value
External synchronization
External input clock
GND
Internally
synchronized and
180° out of phase
with external clock
input from 100 kHz to
1 MHz
VIN
Internally
synchronized and in
phase with external
clock input from 100
kHz to 1 MHz
Master
Float
Outputs 500-kHz clock in
phase with internal switching
frequency
Outputs 500-kHz clock
at 90° out of phase with
internal switching
frequency
500 kHz
7.3.8 Soft-Start (SS/TR)
The device uses the lower voltage of the internal voltage reference or the SS/TR pin voltage as the reference
voltage and regulates the output accordingly. A CSS capacitor on the SS/TR pin to GND implements a soft-start
time. Equation 5 shows the equation for the nominal soft-start time, tSS. This is the time it will take VOUT to go
from 10% to 90% of the programmed voltage. The voltage reference (VREF) is 0.604 V and the soft-start charge
current (ISS) is 2.5 µA. When calculating the soft-start time tSS, it is important to take into account the variation of
the parameters CSS, VREF, and ISS as these may cause tSS to deviate from the nominal value in the actual
implementation.
(5)
When any of the following four scenarios occur the SS/TR pin is discharged:
the input UVLO is triggered,
the EN pin is pulled below 1.05 V,
the high-side switch current limit threshold is exceeded, or
a thermal shutdown event occurs.
With the exception of the scenario where the high-side current limit threshold is exceeded, the device will then
stop switching and enter into low current operation. At the subsequent power-up, when the shutdown condition is
removed, the device does not start switching until it has discharged its SS/TR pin to ground ensuring proper soft-
start behavior.
The device will enter into a pulse-skipping mode during start-up in the event that VSENSE is greater than the
voltage at the SS/TR pin. During this period, the high-side switch will remain off and the low-side switch will
remain on until VSENSE again falls below the voltage at SS/TR.


Similar Part No. - TPS7H4001-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H4001-SP TI-TPS7H4001-SP Datasheet
1Mb / 48P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
TPS7H4001-SP TI-TPS7H4001-SP Datasheet
2Mb / 56P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
NOVEMBER 2020
TPS7H4001-SP TI-TPS7H4001-SP Datasheet
3Mb / 58P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
SEPTEMBER 2022
TPS7H4001-SP TI-TPS7H4001-SP Datasheet
3Mb / 66P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
REVISED MAY 2023
TPS7H4001-SP TI-TPS7H4001-SP_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
More results

Similar Description - TPS7H4001-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H4001-SP TI-TPS7H4001-SP_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
TPS7H4001-SP TI-TPS7H4001-SP_V02 Datasheet
2Mb / 56P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
NOVEMBER 2020
TPS7H4001-SP TI-TPS7H4001-SP_V03 Datasheet
3Mb / 58P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
SEPTEMBER 2022
TPS7H4001-SP TI-TPS7H4001-SP_V04 Datasheet
3Mb / 66P
[Old version datasheet]   TPS7H4001-SP Radiation-Hardness-Assured 3-V to 7-V Input 18-A Synchronous Buck Converter
REVISED MAY 2023
TPS7H4002-SP TI-TPS7H4002-SP_V02 Datasheet
2Mb / 44P
[Old version datasheet]   TPS7H4002-SP Radiation-Hardness-Assured 3-V to 5.5-V Input, 3-A Synchronous Step Down Converter
AUGUST 2021
TPS7H4002-SP TI-TPS7H4002-SP Datasheet
2Mb / 43P
[Old version datasheet]   TPS7H4002-SP Radiation-Hardness-Assured 3-V to 5.5-V Input, 3-A Synchronous Step Down Converter
TPS7H4002-SP TI-TPS7H4002-SP_V01 Datasheet
2Mb / 43P
[Old version datasheet]   TPS7H4002-SP Radiation-Hardness-Assured 3-V to 5.5-V Input, 3-A Synchronous Step Down Converter
AUGUST 2021
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
[Old version datasheet]   TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com