Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQH35N40 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQH35N40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQH35N40 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQH35N40 Datasheet HTML 1Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 2Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 3Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 4Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 5Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 6Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 7Page - Fairchild Semiconductor FQH35N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FQH35N40 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 2.3mH, IAS = 35A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 35A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQH35N40
FQH35N40
TO-247
-
-
30
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
400
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C--
0.42
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 400V, VGS = 0V
VDS = 320V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 17.5A
--
0.08
0.105
gFS
Forward Transconductance
VDS = 50V, ID = 17.5A
(Note 4)
--
35
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
4300
5600
pF
Coss
Output Capacitance
--
730
950
pF
Crss
Reverse Transfer Capacitance
--
65
85
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 200V, ID = 35A
RG = 25Ω
(Note 4, 5)
--
95
200
ns
tr
Turn-On Rise Time
--
360
730
ns
td(off)
Turn-Off Delay Time
--
220
450
ns
tf
Turn-Off Fall Time
--
190
390
ns
Qg
Total Gate Charge
VDS = 320V, ID = 35A
VGS = 10V
(Note 4, 5)
--
110
140
nC
Qgs
Gate-Source Charge
--
27
--
nC
Qgd
Gate-Drain Charge
--
53
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
35
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
140
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 35A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0V, IS = 35A
dIF/dt =100A/µs
(Note 4)
--
390
--
ns
Qrr
Reverse Recovery Charge
--
4.5
--
µC


Similar Part No. - FQH35N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQH35N40 ISC-FQH35N40 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQH35N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com