Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM04RCXXX Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM04RCXXX
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM04RCXXX Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CM04RCXXX Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CM04RCXXX Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
393
5
No abnormality
Refer to individual specification.
Within the specification
100ME min.
100ME min.
No abnormality
No abnormality
Impedance change
DWithinDM5L
Item
Specifled Value
Test Method and Remarks
10.Standard donndityonn
11.Insulation resistance
D
between wires
12.Insulation resistance
D
between wire and core
13.Rated current
14.Withstanding voltage
D
between wires
15.Withstanding voltage
D
between wire and core
16.Adhesion of terminal elec-
trode
17.Resisitance to vibration
18.Solderability
Surface Mount High
current inductors
04/05/06 Type
CommonMode
Choke Coils
CM04RC
CommonMode
Choke Coils
BU05MC
Balun Transformers
BU05MC
Surface Mount
High current
inductors 08 Type
2/4
RELIABILITY DATA
At least 75L of terminal electrode is
covered by new solder.
95L or more of mounting terminal side
shall be covered with tresh solder.
Note on standard condition: "standard condition"
referred to herein is defined as follows:
5 to 35C of temperature, 45 to 85% relative humidity and 86 to 106kPa of air pressure.
When there are questions conceming measurement results:
In order to provide correlation data, the test shall be conducted under condition of 20M2C of tempera-
ture, 45 to 85% relative humidity and 86 to 106kPa of air pressure.
Unless otherwise specified, all the tests are conducted under the "standard condition."
SMD inductor
D
Applied voltage
D100VDC DurationD60sec.
Commom mode choke coil
D
Applied voltage
DRated voltage
Duration
D60 sec.
SMD inductor
D
Applied voltage
D100VDC DurationD60sec.
Commom mode choke coil
D
Applied voltage
DRegulation voltage
Duration
D60 sec.
SMD inductor
D
Applied voltage
D500VAC
Duration
D60 sec.
SMD inductor
D
Set testing jigs perpendicularly to top surface of specimen mounted
on printed board, and apply specified static load for 5 sec.
Specified static load
Type
static load
N08DP
10N
NP04S
N06D
5N
NP06D
SMD inductor, Commom mode choke coil
D
Accoding to JIS C0040
Directions
D2 hrs each in X, Y, and Z directions. TotalD6 hrs
Frequency range
D10 to 55 to 10 Hz f1 min.g
Amplitude
D1.5mm fShall not exceed acceleration 196m/s2g
Mounting method
Dsoldering onto printed board
Recovery
DAt least 2 hrs of recovery under the standard
condition after the test,followed by the mea-
surement within 24 hrs.
A kind of vibration
DA
SMD inductor
Solder temperature
D230M5C
Duration
D2M0.5 sec.
Immersion depth
DAll sides of mounting terminal shall
be immersed.
Commom mode choke coil
D
CM04RCYBU05MC
Solder temperature
235M5C
Duration
2M0.5 sec.
Immersion depth
Up to 0.5mm from terminal root


Similar Part No. - CM04RCXXX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04-PR-DC DDK-CM04-PR-DC Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04-PR-DC DDK-CM04-PR-DC Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
logo
List of Unclassifed Man...
CM046060 ETC-CM046060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046125 ETC-CM046125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046147 ETC-CM046147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM04RCXXX

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com