Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1057-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCAN1057-Q1
Description  TCAN1057V-Q1 Automotive Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1057-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TCAN1057-Q1 Datasheet HTML 1Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 2Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 3Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 4Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 5Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 6Page - Texas Instruments TCAN1057-Q1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
2.95
2.65
1.1 MAX
6X 0.65
8X 0.4
0.2
2X
1.95
TYP
0.20
0.08
0 - 8
0.1
0.0
0.25
GAGE PLANE
0.6
0.3
A
NOTE 3
2.95
2.85
B
1.65
1.55
4222047/B 11/2015
SOT-23 - 1.1 mm max height
DDF0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
1
8
0.1
C A
B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 4.000


Similar Part No. - TCAN1057-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1057-Q1 TI1-TCAN1057-Q1 Datasheet
803Kb / 12P
[Old version datasheet]   TCAN1057V-Q1 Automotive Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
TCAN1057-Q1 TI1-TCAN1057-Q1_V01 Datasheet
803Kb / 12P
[Old version datasheet]   TCAN1057V-Q1 Automotive Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
More results

Similar Description - TCAN1057-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1057-Q1 TI1-TCAN1057-Q1_V01 Datasheet
803Kb / 12P
[Old version datasheet]   TCAN1057V-Q1 Automotive Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
TCAN1044A-Q1 TI-TCAN1044A-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TCAN1044A-Q1 and TCAN1044AV-Q1 Automotive Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
TCAN1044AEV-Q1 TI-TCAN1044AEV-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TCAN1044AEV-Q1 Grade 0 Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
OCTOBER 2021
TCAN1044AEV-Q1 TI-TCAN1044AEV-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TCAN1044AEV-Q1 Grade 0 Fault-Protected CAN FD Transceiver with 1.8-V I/O Support
OCTOBER 2021
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com