Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1044-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Part # TCAN1044-Q1
Description  TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1044-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TCAN1044-Q1_V02 Datasheet HTML 20Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 21Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 22Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 23Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 24Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 25Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 26Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 27Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
CSPLIT
Standard Termination
Split Termination
CAN
Transceiver
CAN
Transceiver
CANL
CANH
RTERM
RTERM/2
RTERM/2
CANL
CANH
24
TCAN1044-Q1, TCAN1044V-Q1
SLLSF17A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TCAN1044-Q1 TCAN1044V-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 18. CAN Bus Termination Concepts
9.2.2 Detailed Design Procedures
9.2.2.1 Bus Loading, Length and Number of Nodes
A typical CAN application may have a maximum bus length of 40 meters and maximum stub length of 0.3 m.
However, with careful design, users can have longer cables, longer stub lengths, and many more nodes to a bus.
A high number of nodes requires a transceiver with high input impedance such as the TCAN1044-Q1.
Many CAN organizations and standards have scaled the use of CAN for applications outside the original ISO
11898-2 standard. They made system level trade off decisions for data rate, cable length, and parasitic loading of
the bus. Examples of these CAN systems level specifications are ARINC 825, CANopen, DeviceNet, SAE J2284,
SAE J1939, and NMEA 2000.
A CAN network system design is a series of tradeoffs. In the ISO 11898-2:2016 specification the driver
differential output is specified with a bus load that can range from 50 Ω to 65 Ω where the differential output must
be greater than 1.5 V. The TCAN1044-Q1 family is specified to meet the 1.5-V requirement down to 50 Ω and is
specified to meet 1.4-V differential output at 45Ω bus load. The differential input resistance of the TCAN1044-Q1
is a minimum of 40 kΩ. If 100 TCAN1044-Q1 transceivers are in parallel on a bus, this is equivalent to a 400-Ω
differential load in parallel with the nominal 60 Ω bus termination which gives a total bus load of approximately 52
Ω. Therefore, the TCAN1044-Q1 family theoretically supports over 100 transceivers on a single bus segment.
However, for CAN network design margin must be given for signal loss across the system and cabling, parasitic
loadings, timing, network imbalances, ground offsets and signal integrity thus a practical maximum number of
nodes is often lower. Bus length may also be extended beyond 40 meters by careful system design and data rate
tradeoffs. For example, CANopen network design guidelines allow the network to be up to 1 km with changes in
the termination resistance, cabling, less than 64 nodes and significantly lowered data rate.
This flexibility in CAN network design is one of the key strengths of the various extensions and additional
standards that have been built on the original ISO 11898-2 CAN standard. However, when using this flexibility
the CAN network system designer must take the responsibility of good network design to ensure robust network
operation.


Similar Part No. - TCAN1044-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
More results

Similar Description - TCAN1044-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V02 Datasheet
951Kb / 25P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
REVISED NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TCAN1057A-Q1 And TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com