Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCAN1044-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Part # TCAN1044-Q1
Description  TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1044-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TCAN1044-Q1_V02 Datasheet HTML 19Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 20Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 21Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 22Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 23Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 24Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 25Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 26Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
TCAN1044V
CAN FD Controller
STB
RXD
TXD
CANH
CANL
VCC
Port x
RXD
TXD
VDD
8
1
4
2
3
7
5
6
5V Voltage
Regulator
(e.g. TPSxxxx)
VIN
VOUT
GND
NC
VIN
Optional:
Terminating
Node
Optional:
Filtering,
Transient and
ESD
23
TCAN1044-Q1, TCAN1044V-Q1
www.ti.com
SLLSF17A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: TCAN1044-Q1 TCAN1044V-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Application
The TCAN1044-Q1 transceiver can be used in applications with a host controller or FPGA that includes the link
layer portion of the CAN protocol. Figure 17 shows a typical application configuration for 5 V controller
applications. The bus termination is shown for illustrative purposes.
Figure 17. Transceiver Application Using 5 V IO Connections
9.2.1 Design Requirements
9.2.1.1 CAN Termination
Termination may be a single 120-Ω resistor at each end of the bus, either on the cable or in a terminating node.
If filtering and stabilization of the common mode voltage of the bus is desired then split termination may be used,
see Figure 18. Split termination improves the electromagnetic emissions behavior of the network by filtering
higher-frequency common-mode noise that may be present on the differential signal lines.


Similar Part No. - TCAN1044-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
More results

Similar Description - TCAN1044-Q1_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V02 Datasheet
951Kb / 25P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
REVISED NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TCAN1057A-Q1 And TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com