Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2388IDGKR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA2388IDGKR
Description  OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2388IDGKR Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA2388IDGKR Datasheet HTML 16Page - Texas Instruments OPA2388IDGKR Datasheet HTML 17Page - Texas Instruments OPA2388IDGKR Datasheet HTML 18Page - Texas Instruments OPA2388IDGKR Datasheet HTML 19Page - Texas Instruments OPA2388IDGKR Datasheet HTML 20Page - Texas Instruments OPA2388IDGKR Datasheet HTML 21Page - Texas Instruments OPA2388IDGKR Datasheet HTML 22Page - Texas Instruments OPA2388IDGKR Datasheet HTML 23Page - Texas Instruments OPA2388IDGKR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
CORE
-In
+In
Clamp
100 W
100 W
Copyright © 2016, Texas Instruments Incorporated
IOVERLOAD
10 mA max
5
VIN
VOUT
+5V
Current-limiting resistor
required if input voltage
exceeds supply rails by
> 0.3V.
Copyright © 2016, Texas Instruments Incorporated
20
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
Typically, input bias current is approximately ±30 pA. Input voltages exceeding the power supplies, however, can
cause excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply
can be tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input
resistor, as shown in Figure 41.
Figure 41. Input Current Protection
7.3.3 Input Differential Voltage
The typical input bias current of the OPAx388 during normal operation is approximately 30 pA. In overdriven
conditions, the bias current can increase significantly. The most common cause of an overdriven condition
occurs when the operational amplifier is outside of the linear range of operation. When the output of the
operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied and
a differential input voltage develops across the input pins. This differential input voltage results in activation of
parasitic diodes inside the front-end input chopping switches that combine with 10-kΩ electromagnetic
interference (EMI) filter resistors to create the equivalent circuit shown in Figure 42. Notice that the input bias
current remains within specification in the linear region.
Figure 42. Equivalent Input Circuit
7.3.4 Internal Offset Correction
The OPA388 family of operational amplifiers uses an auto-calibration technique with a time-continuous, 200-kHz
operational amplifier in the signal path. This amplifier is zero-corrected every 5 µs using a proprietary technique.
At power-up, the amplifier requires approximately 1 ms to achieve the specified VOS accuracy. This design has
no aliasing or flicker noise.
7.3.5 EMI Susceptibility and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc
offset at the amplifier output can shift from its nominal value when EMI is present. This shift is a result of signal
rectification associated with the internal semiconductor junctions. Although all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The OPAx388 operational amplifier
family incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common-
mode and differential-mode filtering are provided by the input filter. The filter is designed for a cutoff frequency of
approximately 20 MHz (–3 dB), with a rolloff of 20 dB per decade.
7.4 Device Functional Modes
The OPA388 has a single functional mode and is operational when the power-supply voltage is greater than
2.5 V (±1.25 V). The maximum specified power-supply voltage for the OPAx388 is 5.5 V (±2.75 V).


Similar Part No. - OPA2388IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA2388IDGKR TI1-OPA2388IDGKR Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA2388IDGKR TI1-OPA2388IDGKR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA2388IDGKR TI1-OPA2388IDGKR Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA2388IDGKR TI1-OPA2388IDGKR Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results

Similar Description - OPA2388IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
Analog Devices
Analog Devices
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz