Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA388 Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA388
Description  OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA388_V01 Datasheet HTML 22Page - Texas Instruments OPA388_V01 Datasheet HTML 23Page - Texas Instruments OPA388_V01 Datasheet HTML 24Page - Texas Instruments OPA388_V01 Datasheet HTML 25Page - Texas Instruments OPA388_V01 Datasheet HTML 26Page - Texas Instruments OPA388_V01 Datasheet HTML 27Page - Texas Instruments OPA388_V01 Datasheet HTML 28Page - Texas Instruments OPA388_V01 Datasheet HTML 29Page - Texas Instruments OPA388_V01 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
N/C
±IN
+IN
V+
OUTPUT
N/C
N/C
VS+
GND
Ground (GND) plane on another layer
VOUT
VIN
GND
Run the input traces
as far away from
the supply lines
as possible
RF
RG
Place components close
to device and to each
other to reduce parasitic
errors
Use low-ESR,
ceramic bypass
capacitors
Copyright © 2017, Texas Instruments Incorporated
GND
+
VIN
VOUT
RG
RF
26
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Paying attention to good layout practice is always recommended. Keep traces short and, when possible, use a
printed-circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as
possible. Place a 0.1-µF capacitor closely across the supply pins. These guidelines must be applied throughout
the analog circuit to improve performance and provide benefits such as reducing the electromagnetic interference
(EMI) susceptibility.
For lowest offset voltage and precision performance, circuit layout and mechanical conditions must be optimized.
Avoid temperature gradients that create thermoelectric (Seebeck) effects in the thermocouple junctions formed
from connecting dissimilar conductors. These thermally-generated potentials can be made to cancel by assuring
they are equal on both input terminals. Other layout and design considerations include:
Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
Thermally isolate components from power supplies or other heat sources.
Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Following these guidelines reduces the likelihood of junctions being at different temperatures, which can cause
thermoelectric voltage drift of 0.1 µV/°C or higher, depending on materials used.
10.2 Layout Example
Figure 49. Schematic Representation
Figure 50. OPA388 Layout Example


Similar Part No. - OPA388_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388ID TI1-OPA388ID Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388ID TI1-OPA388ID Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results

Similar Description - OPA388_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
OPA186 TI1-OPA186_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
REVISED JULY 2023
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com