Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA375 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA375_V02 Datasheet HTML 11Page - Texas Instruments OPA375_V02 Datasheet HTML 12Page - Texas Instruments OPA375_V02 Datasheet HTML 13Page - Texas Instruments OPA375_V02 Datasheet HTML 14Page - Texas Instruments OPA375_V02 Datasheet HTML 15Page - Texas Instruments OPA375_V02 Datasheet HTML 16Page - Texas Instruments OPA375_V02 Datasheet HTML 17Page - Texas Instruments OPA375_V02 Datasheet HTML 18Page - Texas Instruments OPA375_V02 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Time (25 Ps/div)
D027
Input
Output
Time (2 Ps/div)
D028
Input
Output
Capacitive Load (pF)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
D025
Overshoot (+)
Overshoot ( )
Capacitance (pF)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
D025
Overshoot (+)
Overshoot ( )
Capacitive Load (pF)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
D025
Overshoot (+)
Overshoot ( )
Capacitance (pF)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
D025
Overshoot (+)
Overshoot ( )
15
OPA375, OPA2375
www.ti.com
SBOS886B – NOVEMBER 2017 – REVISED JANUARY 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA375 (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
VS = 5.5 V
VICM = 2.75 V
VOCM = 2.75 V
G = 1
100-mV output step
Figure 25. Small-Signal Overshoot vs Load Capacitance
VS = 1.8 V
VICM = 0.9 V
VOCM = 0.9 V
G = 1
100-mV output step
Figure 26. Small-Signal Overshoot vs Load Capacitance
VS = 5.5 V
VICM = 2.75 V
VOCM = 2.75 V
Gain = –1
100-mV output step
Figure 27. Small-Signal Overshoot vs Load Capacitance
VS = 1.8 V
VICM = 0.9 V
VOCM = 0.9 V
Gain = –1
100-mV output step
Figure 28. Small-Signal Overshoot vs Load Capacitance
Figure 29. No Phase Reversal
Figure 30. Overload Recovery


Similar Part No. - OPA375_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results

Similar Description - OPA375_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
[Old version datasheet]   500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com