Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM04MC11T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM04MC11T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM04MC11T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  CM04MC11T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM04MC11T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5
外形寸法 EXTERNAL DIMENSIONS
367
CM04RC h4 Linesi type
CM04RC h3 Linesi type fThing
CM04RC h2 Linesi type
CM04RC h3 Linesi type
公差のない数値は参考値です。 The values without tolerance are for reference only.
etc
BU05MC h3 Linesi type
BU05MC h2 Linesi type
アイテム一覧 PART NUMBERS
BU05MC01T
1000 (at 60MHz)
0.12
1
BU05MC03T
600 (at 100MHz)
0.10
1.5
BU05MC05T
2
1700 (at 130MHz)
0.12
1
BU05MC07T
1200 (at 250MHz)
0.11
1
50
100
BU05MC13T
1000 (at 200MHz)
0.06
1
BU05MC02T
1000 (at 150MHz)
0.15
0.5
BU05MC08T
3
700 (at 60MHz)
0.11
0.5
BU05MC11T
800 (at 350MHz)
0.09
0.5
CM04RC01T
CM04RC03T
CM04RC04T
CM04RC07T
CM04RC09T
CM04RC10T
CM04RC02T
CM04RC08TfTHINg
CM04RC05T
形名
Ordering code
ライン数
100
50
1.5
2.0
1.0
2.5
3.0
4.0
0.5
0.5
0.5
0.06
0.06
0.1
0.06
0.03
0.02
0.18
0.2
0.2
800 fat 100MHzg
500 fat 480MHzg
900 fat 15MHzg
500 fat 160MHzg
270 fat 200MHzg
100 fat 200MHzg
1000 fat 100MHzg
1000 fat 200MHzg
800 fat 100MHzg
2
3
4
インピーダンス
Impedance
[E]
f
typicalg
絶縁抵抗
Insulation resistance
[ME]
f
min.g
定格電圧
Rated voltage
[V]
f
D.C.g
定格電流
Rated current
[A]
f
max.g
直流抵抗
DC resistance
[E]
f
max.g
CM04RC
タイプ
形名
Ordering code
ライン数
No. of Lines
インピーダンス
Impedance
[E]
f
typicalg
絶縁抵抗
Insulation resistance
[ME]
f
min.g
定格電圧
Rated voltage
[V]
f
D.C.g
定格電流
Rated current
[A]
f
max.g
直流抵抗
DC resistance
[E]
f
max.g
BU05MC
タイプ
No. of Lines
P.367
P.368
P.369
P.390
P.10
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
P.398


Similar Part No. - CM04MC11T

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04-PR-DC DDK-CM04-PR-DC Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04-PR-DC DDK-CM04-PR-DC Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
logo
List of Unclassifed Man...
CM046060 ETC-CM046060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046125 ETC-CM046125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM046147 ETC-CM046147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM04MC11T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com