Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5310 Datasheet(PDF) 40 Page - Texas Instruments

Part # MSP430F5310
Description  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 36Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 37Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 38Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 39Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 40Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 41Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 42Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 43Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
40
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Specifications
Copyright © 2010–2020, Texas Instruments Incorporated
(1)
A current overload will be detected when the total current supplied from the LDO exceeds this value.
5.41 LDO-PWR (LDO Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLAUNCH
LDO input detection threshold
3.75
V
VLDOI
LDO input voltage
3.76
5.5
V
VLDO
LDO output voltage
3.3
±9%
V
VLDO_EXT LDOO terminal input voltage with LDO disabled
LDO disabled
1.8
3.6
V
ILDOO
Maximum external current from LDOO terminal
LDO is on
20
mA
IDET
LDO current overload detection (1)
60
100
mA
CLDOI
LDOI terminal recommended capacitance
4.7
µF
CLDOO
LDOO terminal recommended capacitance
220
nF
tENABLE
Settling time VLDO
Within 2%, recommended
capacitances
2
ms


Similar Part No. - MSP430F5310_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5310_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com