Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5310 Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP430F5310
Description  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 18Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 19Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 20Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 21Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 22Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 23Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 24Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 25Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
−25.0
−20.0
−15.0
−10.0
−5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
−8.0
−7.0
−6.0
−5.0
−4.0
−3.0
−2.0
−1.0
0.0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
22
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Specifications
Copyright © 2010–2020, Texas Instruments Incorporated
5.13 Typical Characteristics – Outputs, Reduced Drive Strength (PxDS.y = 0)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
Figure 5-2. Typical Low-Level Output Current vs Low-Level
Output Voltage
Figure 5-3. Typical Low-Level Output Current vs Low-Level
Output Voltage
Figure 5-4. Typical High-Level Output Current vs High-Level
Output Voltage
Figure 5-5. Typical High-Level Output Current vs High-Level
Output Voltage


Similar Part No. - MSP430F5310_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5310_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com