Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F479 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F479
Description  MSP430F47x Mixed-Signal Microcontrollers
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F479 Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F479 Datasheet HTML 27Page - Texas Instruments MSP430F479 Datasheet HTML 28Page - Texas Instruments MSP430F479 Datasheet HTML 29Page - Texas Instruments MSP430F479 Datasheet HTML 30Page - Texas Instruments MSP430F479 Datasheet HTML 31Page - Texas Instruments MSP430F479 Datasheet HTML 32Page - Texas Instruments MSP430F479 Datasheet HTML 33Page - Texas Instruments MSP430F479 Datasheet HTML 34Page - Texas Instruments MSP430F479 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
31
MSP430F479, MSP430F478, MSP430F477
www.ti.com
SLAS629B – MARCH 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F479 MSP430F478 MSP430F477
Specifications
Copyright © 2009–2020, Texas Instruments Incorporated
5.26 SD16_A, Linearity
fSD16 = 1 MHz, SD16REFON = 1, SD16BUFx = 00
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
INL
Integral nonlinearity
SD16OSR = 256, SD16GAINx = 000b, Signal Amplitude = 500 mV
3 V
1.5
LSB
SD16OSR = 256, SD16GAINx = 101b, Signal Amplitude = 15 mV
6
SD16OSR = 1024, SD16GAINx = 000b, Signal Amplitude = 500 mV
0.8
SD16OSR = 1024, SD16GAINx = 101b, Signal Amplitude = 15 mV
3.5
5.27 Typical Characteristics, SD16_A SINAD Performance Over OSR
fSD16 = 1 MHz
SD16REFON = 1
SD16GAINx = 1
Figure 5-19. SINAD Performance vs OSR


Similar Part No. - MSP430F479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F479 TI1-MSP430F479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793 TI1-MSP430F4793 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
937Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com