Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F479 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F479
Description  MSP430F47x Mixed-Signal Microcontrollers
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F479 Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSP430F479 Datasheet HTML 11Page - Texas Instruments MSP430F479 Datasheet HTML 12Page - Texas Instruments MSP430F479 Datasheet HTML 13Page - Texas Instruments MSP430F479 Datasheet HTML 14Page - Texas Instruments MSP430F479 Datasheet HTML 15Page - Texas Instruments MSP430F479 Datasheet HTML 16Page - Texas Instruments MSP430F479 Datasheet HTML 17Page - Texas Instruments MSP430F479 Datasheet HTML 18Page - Texas Instruments MSP430F479 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
15
MSP430F479, MSP430F478, MSP430F477
www.ti.com
SLAS629B – MARCH 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F479 MSP430F478 MSP430F477
Specifications
Copyright © 2009–2020, Texas Instruments Incorporated
Figure 5-2. ILPM4 -- LPM4 Current vs Temperature
5.5
Schmitt-Trigger Inputs – Ports P1 to P6, RST/NMI, JTAG (TCK, TMS, TDI/TCLK,TDO/TDI)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 2.2 V
1.1
1.55
V
VCC = 3 V
1.5
1.98
VIT–
Negative-going input threshold voltage
VCC = 2.2 V
0.4
0.9
V
VCC = 3 V
0.9
1.3
Vhys
Input voltage hysteresis (VIT+ – VIT– )
VCC = 2.2 V
0.3
1.1
V
VCC = 3 V
0.5
1
(1)
The external signal sets the interrupt flag every time the minimum t(int) parameters are met. It may be set even with trigger signals
shorter than t(int).
5.6
Inputs Px.y, TAx
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
for the interrupt flag(1)
2.2 V
62
ns
3 V
50
t(cap)
Timer_A capture timing
TA0, TA1, TA2
2.2 V
62
ns
3 V
50
f(TAext)
Timer_A clock frequency externally
applied to pin
TACLK, INCLK t(H) = t(L)
2.2 V
8
MHz
f(TBext)
3 V
10
f(TAint)
Timer A clock frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TBint)
3 V
10
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The port pin must be selected as input.
5.7
Leakage Current – Ports P1 to P6
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ilkg(Px.y)
Leakage current, Port Px
V(Px.y)
(2)
VCC = 2.2 V, 3 V
±50
nA


Similar Part No. - MSP430F479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F479 TI1-MSP430F479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793 TI1-MSP430F4793 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
937Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F479

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com