Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25183-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM25183-Q1
Description  LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25183-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM25183-Q1 Datasheet HTML 12Page - Texas Instruments LM25183-Q1 Datasheet HTML 13Page - Texas Instruments LM25183-Q1 Datasheet HTML 14Page - Texas Instruments LM25183-Q1 Datasheet HTML 15Page - Texas Instruments LM25183-Q1 Datasheet HTML 16Page - Texas Instruments LM25183-Q1 Datasheet HTML 17Page - Texas Instruments LM25183-Q1 Datasheet HTML 18Page - Texas Instruments LM25183-Q1 Datasheet HTML 19Page - Texas Instruments LM25183-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
I
OUT = 0.6 A
SW
FB
VIN
EN/UVLO
TC
GND
RSET
LM25183
C
OUT
C
IN
3 x
22
F
10
F
T
1
V
IN = 6 V...42 V
1 : 1
D
FLY
R
SET
12.1 k:
R
FB
121 k:
D
CLAMP
D
F
R
TC
261 k:
R
UV1
261 k:
R
UV2
97.1 k:
D
OUT
13 V
12.5 PH
V
OUT = 12 V
20 V
SS/BIAS
C
SS
47 nF
16
LM25183-Q1
SNVSBJ4 – APRIL 2020
www.ti.com
Product Folder Links: LM25183-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM25183-Q1 requires only a few external components to convert from a wide range of supply voltages to
one or more isolated output rails. To expedite and streamline the process of designing of a LM25183-Q1-based
converter, a comprehensive LM25183-Q1 quick-start calculator is available for download to assist the designer
with component selection for a given application. WEBENCH® online software is also available to generate
complete designs, leveraging iterative design procedures and access to comprehensive component databases.
The following sections discuss the design procedure for both single- and dual-output implementations using
specific circuit design examples.
As mentioned previously, the LM25183-Q1 also integrates several optional features to meet system design
requirements, including precision enable, input UVLO, programmable soft start, output voltage thermal
compensation, and external bias supply connection. Each application incorporates these features as needed for
a more comprehensive design.
The application circuits detailed in the Typical Applications show LM25183-Q1 configuration options suitable for
several application use cases. Refer to the LM25184EVM-S12 EVM user's guide for more detail.
8.2 Typical Applications
For step-by-step design procedures, circuit schematics, bill of materials, PCB files, simulation and test results of LM25183-Q1-powered
implementations, refer to the TI Reference Design library.
8.2.1 Design 1: Wide VIN, Low IQ PSR Flyback Converter Rated at 12 V, 0.6 A
The schematic diagram of a 12-V, 0.6-A PSR flyback converter is given in Figure 19.
Figure 19. Schematic for Design 1 With VIN(nom) = 24 V, VOUT = 12 V, IOUT = 0.6 A


Similar Part No. - LM25183-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
More results

Similar Description - LM25183-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM25184 TI1-LM25184 Datasheet
1Mb / 37P
[Old version datasheet]   LM25184 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated Power MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com