Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25183 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM25183
Description  LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25183 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM25183 Datasheet HTML 13Page - Texas Instruments LM25183 Datasheet HTML 14Page - Texas Instruments LM25183 Datasheet HTML 15Page - Texas Instruments LM25183 Datasheet HTML 16Page - Texas Instruments LM25183 Datasheet HTML 17Page - Texas Instruments LM25183 Datasheet HTML 18Page - Texas Instruments LM25183 Datasheet HTML 19Page - Texas Instruments LM25183 Datasheet HTML 20Page - Texas Instruments LM25183 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17
LM25183
www.ti.com
SNVSBJ3 – APRIL 2020
Product Folder Links: LM25183
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.1.1 Design Requirements
The required input, output, and performance parameters for this application example are shown in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range
6 V to 36 V
Input UVLO thresholds
5.5 V on, 4 V off
Output voltage
12 V
Rated load current, VIN ≥ 13.5 V
0.6 A
Output voltage regulation
±1.5%
Output voltage ripple
< 120 mV pk-pk
The target full-load efficiency is 89% based on a nominal input voltage of 24 V and an isolated output voltage of
12 V. The LM25183 is chosen to deliver a fixed 12-V output voltage set by resistor RFB connected between the
SW and FB pins. The input voltage turnon and turnoff thresholds are established by RUV1 and RUV2. The required
components are listed in Table 2. Transformers for other single-output designs are listed in Table 3.
Table 2. List of Components for Design 1
REF DES
QTY
SPECIFICATION
VENDOR
PART NUMBER
CIN
1
10 µF, 50 V, X7R, 1210, ceramic
TDK
C3225X7R1H106M250AC
COUT1
3
22 µF, 25 V, X7R, 1210, ceramic
TDK
C3225X7R1E226M250AB
Taiyo Yuden
TMK325B7226MM-PR
22 µF, 25 V, X7R, 1210, ceramic
Würth Electronik
885012209074
COUT2
0
100 µF, 16 V, ±20%, electrolytic
Kemet
T598D107M016ATE050
CSS
1
47 nF, 16 V, X7R, 0402
Std
Std
DCLAMP
1
Zener, 20 V, 3 W, SMA
3SMAJ5932B
Micro Commercial
DF, DFLY
2
Schottky diode, 60 V, 3 A, SOD-123FL
FSV360FP
OnSemi
DOUT
1
Zener, 13 V, 2%, SOD-523
BZX585-B13
Nexperia
RFB
1
121 kΩ, 1%, 0402
Std
Std
RSET
1
12.1 kΩ, 1%, 0402
Std
Std
RTC
1
261 kΩ, 1%, 0402
Std
Std
RUV1
1
261 kΩ, 1%, 0603
Std
Std
RUV2
1
97.6 kΩ, 1%, 0402
Std
Std
T1
1
12.5 µH, 3 A, 1 : 1, 13 mm × 11 mm × 10 mm
Coilcraft
ZB1053-AE
U1
1
LM25183 PSR flyback converter, VSON-8
Texas Instruments
LM25183NGUR
Table 3. Magnetic Components for Single-Output Designs
OUTPUT VOLTAGE RANGE
TURNS RATIO
LMAG, ISAT
DIMENSIONS
VENDOR
PART NUMBER
Up to 3.6 V
4 : 1
12.5 µH, 3 A
13 × 11 × 10 mm
Coilcraft
ZB1050-AE
3.6 V to 5 V
3 : 1
14 µH, 3 A
ZB1051-AE
5 V to 8 V
2 : 1
14 µH, 3 A
ZB1052-AE
8 V to 15 V
1 : 1
12.5 µH, 3 A
ZB1053-AE
15 V to 28 V
1 : 2
12.5 µH, 3 A
ZB1054-AE
28 V to 50 V
1 : 3
14 µH, 3 A
ZB1055-AE


Similar Part No. - LM25183

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
More results

Similar Description - LM25183

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM25184 TI1-LM25184 Datasheet
1Mb / 37P
[Old version datasheet]   LM25184 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated Power MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com