Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5181-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5181-Q1
Description  LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM5181-Q1 Datasheet HTML 1Page - Texas Instruments LM5181-Q1 Datasheet HTML 2Page - Texas Instruments LM5181-Q1 Datasheet HTML 3Page - Texas Instruments LM5181-Q1 Datasheet HTML 4Page - Texas Instruments LM5181-Q1 Datasheet HTML 5Page - Texas Instruments LM5181-Q1 Datasheet HTML 6Page - Texas Instruments LM5181-Q1 Datasheet HTML 7Page - Texas Instruments LM5181-Q1 Datasheet HTML 8Page - Texas Instruments LM5181-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
V
OUT = 5 V
SW
FB
VIN
EN/UVLO
TC
GND
RSET
LM5181-Q1
C
OUT
C
IN
100
F
2.2
F
T
1
V
IN = 4.5 V...65 V
3 : 1
D
FLY
R
SET
12.1 k:
R
FB
158 k:
D
Z
D
F
SS/BIAS
Output Current (mA)
0
100
200
300
400
500
600
700
60
65
70
75
80
85
90
D002
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 65V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5181-Q1
SNVSBN6 – APRIL 2020
LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
1
1 Features
1
AEC-Q100-qualified for automotive applications
Device temperature grade 1: –40°C to 125°C
ambient temperature range
Functional Safety-Capable
Documentation available to aid functional
safety system design
Designed for reliable and rugged applications
Wide input voltage range of 4.5 V to 65 V with
operation down to 3.5 V after start-up
Robust solution with only one component
crossing the isolation barrier
±1.5% total output regulation accuracy
Optional VOUT temperature compensation
6-ms internal or programmable soft start
Input UVLO and thermal shutdown protection
Hiccup-mode overcurrent fault protection
–40°C to +150°C junction temperature range
Integration reduces solution size and cost
Integrated 100-V, 0.4-Ω power MOSFET
No opto-coupler or transformer auxiliary
winding required for VOUT regulation
Internal loop compensation
High-efficiency PSR flyback operation
Quasi-resonant MOSFET turn-off in BCM
Low input quiescent current
External bias option for improved efficiency
Single- and multi-output implementations
Create a custom regulator design using
WEBENCH® Power Designer
Ultra-low conducted and radiated EMI signatures
Soft switching avoids diode reverse recovery
Optimized for CISPR 25 Class 5 requirement
2 Applications
Sub-AM band automotive body electronics
Automotive HEV/EV powertrain systems
Traction inverters: IGBT and SiC gate drivers
Isolated bias supplies
3 Description
The LM5181-Q1 is a primary-side regulated (PSR)
flyback converter with high efficiency over a wide
input voltage range of 4.5 V to 65 V. The isolated
output voltage is sampled from the primary-side
flyback
voltage,
eliminating
the
need
for
an
optocoupler, voltage reference, or third winding from
the transformer for output voltage regulation.
The high level of integration results in a simple,
reliable and high-density design with only one
component crossing the isolation barrier. Boundary
conduction mode (BCM) switching enables a compact
magnetic solution and better than ±1.5% load and
line regulation performance. An integrated 100-V
power MOSFET provides output power up to 4 W
with enhanced headroom for line transients.
The LM5181-Q1 converter is qualified to automotive
AEC-Q100 grade 1 and is available in 8-pin WSON
package with 0.8-mm pin pitch and wettable flanks.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5181-Q1
WSON (8)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Typical Efficiency, VOUT = 5 V


Similar Part No. - LM5181-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results

Similar Description - LM5181-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com