Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5181-Q1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5181-Q1
Description  LM5181-Q1 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181-Q1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5181-Q1 Datasheet HTML 21Page - Texas Instruments LM5181-Q1 Datasheet HTML 22Page - Texas Instruments LM5181-Q1 Datasheet HTML 23Page - Texas Instruments LM5181-Q1 Datasheet HTML 24Page - Texas Instruments LM5181-Q1 Datasheet HTML 25Page - Texas Instruments LM5181-Q1 Datasheet HTML 26Page - Texas Instruments LM5181-Q1 Datasheet HTML 27Page - Texas Instruments LM5181-Q1 Datasheet HTML 28Page - Texas Instruments LM5181-Q1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25
LM5181-Q1
www.ti.com
SNVSBN6 – APRIL 2020
Product Folder Links: LM5181-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
12 Device and Documentation Support
12.1 Device Support
12.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
12.1.2 Development Support
With input voltage range and current capability as specified in Table 4, the PSR flyback DC/DC converter family
of parts from TI provides flexibility, scalability and optimized solution size for a range of applications. Using an 8-
pin WSON package with 4-mm × 4-mm footprint and 0.8-mm pin pitch, these converters enable isolated DC/DC
solutions with high density and low component count.
Table 4. PSR Flyback DC/DC Converter Family
PSR FLYBACK
DC/DC
CONVERTER
INPUT VOLTAGE
RANGE
PEAK SWITCH
CURRENT
MAXIMUM LOAD CURRENT, VOUT = 12 V, NPS = 1
VIN = 4.5 V
VIN = 13.5 V
VIN = 24 V
LM5181-Q1
4.5 V to 65 V
0.75 A
90 mA
180 mA
225 mA
LM5180-Q1
4.5 V to 65 V
1.5 A
180 mA
360 mA
450 mA
LM25180-Q1
4.5 V to 42 V
1.5 A
180 mA
360 mA
450 mA
LM25183-Q1
4.5 V to 42 V
2.5 A
300 mA
600 mA
750 mA
LM25184-Q1
4.5 V to 42 V
4.1 A
500 mA
1 A
1.25 A
For development support, see the following:
LM5181-Q1 Quick-start Calculator
LM5181-Q1 Simulation Models
For TI's reference design library, visit TIDesigns
For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center.
To view a related device of this product, see the LM5180-Q1 product page.
TI Designs:
Isolated IGBT Gate-Drive Power Supply Reference Design With Integrated Switch PSR Flyback Controller
Compact, Efficient, 24-V Input Auxiliary Power Supply Reference Design for Servo Drives
Reference Design for Power-Isolated Ultra-Compact Analog Output Module
HEV/EV Traction Inverter Power Stage with 3 Types of IGBT/SiC Bias-Supply Solutions Reference Design
4.5-V to 65-V Input, Compact Bias Supply With Power Stage Reference Design for IGBT/SiC Gate Drivers
Channel-to-Channel Isolated Analog Input Module Reference Design
SiC/IGBT Isolated Gate Driver Reference Design With Thermal Diode and Sensing FET
>95% Efficiency, 1-kW Analog Control AC/DC Reference Design for 5G Telecom Rectifier
3.5-W Automotive Dual-output PSR Flyback Regulator Reference Design
TI Technical Articles:
Flyback Converters: Two Outputs are Better Than One
Common Challenges When Choosing the Auxiliary Power Supply for Your Server PSU
Maximizing PoE PD Efficiency on a Budget


Similar Part No. - LM5181-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM5181-Q1 TI1-LM5181-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
More results

Similar Description - LM5181-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM5180-Q1 TI1-LM5180-Q1_18 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com