Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM05MC09T Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # CM05MC09T
Description  COMMON MODE CHOKE COILS (FOR DC AND SIGNAL LINES) SMD TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CM05MC09T Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CM05MC09T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CM05MC09T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
5
399
Technical considerations
Stages
Precautions
SMD Inductors
,CM04RC,BU05MC
1.Circuit Design
2.PCB Design
3.Considerations for
automatic placement
4.Soldering
5.Cleaning
6.Handling
7.Storage conditions
Operating environment,
1.The products described in this specification are intended for
use
in
general
electronic
equipment,(office
supply
equipment,
telecommunications
systems,
measuring
equipment, and household equipment). They are not
intended for use in mission-critical equipment or systems
requiring special quality and high reliability (traffic systems,
safety equipment, aerospace systems, nuclear control
systems and medical equipment including life-support
systems,) where product failure might result in loss of life,
injury or damage. For such uses, contact TAIYO YUDEN
Sales Department in advance.
Land pattern design
1.Please contact any of our offices for a land pattern, and refer
to a recommended land pattern of specifications.
Adjustment of mounting machine
1.Excessive impact load should not be imposed on the
products when mounting onto the PC boards.
2.Mounting and soldering conditions should be checked
beforehand.
Reflow soldering
1.Please contact any of our offices for a reflow soldering, and
refer to the recommended condition specified.
2.This products is reflow soldering only.
3.SMD Inductors
Please do not add any stress to a product until it returns in
normal temperature after reflow soldering.
Lead free soldering
1.When using products with lead free soldering, we request to
use them after confirming of adhesion, temperature of
resistance to soldering heat, soldering etc sufficiently.
Recommended conditions for using a soldering iron:
Put the soldering iron on the land-pattern.
Soldering iron's temperature - Below 350
Duration - 3 seconds or less
The soldering iron should not directly touch the inductor.
Cleaning conditions
1.SMD Inductors
Please contact any of our offices for a cleaning,
Handling
1.Keep the product away from all magnets and magnetic
objects.
Breakaway PC boards (splitting along perforations)
1.When splitting the PC board after mounting product, care
should be taken not to give any stresses of deflection or
twisting to the board.
2.Board separation should not be done manually, but by using
the appropriate devices.
Mechanical considerations
1.Please do not give the product any excessive mechanical
shocks.
2.SMD Inductors
Please do not add any shock and power to a product in
transportation.
Pick-up pressure
1.SMD Inductors
Please do not push to add any pressure to a winding part.
Please do not give any shock and push into a ferrite core
exposure part.
Packing
1.SMD Inductors
Please avoid accumulation of a packing box as much as
possible.
Storage
1.To maintain the solderability of terminal electrodes and to
keep the packing material in good condition, temperature
and humidity in the storage area should be controlled..
・Recommended conditions
 Ambient temperature      0∼40℃
 Humidity
 Below 70% RH
The ambient temperature must be kept below 30
℃. Even
under ideal storage conditions, solderability of products
electrodes may decrease as time passes. For this reason,
product should be used within one year from the time of
delivery.
In case of storage over 6 months, solderability shall be
checked before actual usage.
1. When installing products, care should be taken not to apply distortion stress as it may
deform the products.
1.If products are used beyond the range of the recommended conditions, heat stresses
may deform the products, and consequently degrade the reliability of the products.
1.There is a case that a characteristic varies with magnetic influence.
1.Planning pattern configurations and the position of products should be carefully
performed to minimize stress.
1.There is a case to be damaged by a mechanical shock.
2.SMD Inductors
There is a case to be broken by the handling in transportation.
1.SMD Inductors
Damage and a characteristic can vary with an excessive shock or stress.
1.There is a case that transformation and a product of tape are damaged by
accumulation of a packing box.
1. Under a high temperature and humidity environment, problems such as reduced
solderability caused by oxidation of terminal electrodes and deterioration
of taping/packaging materials may take place.
PRECAUTIONS


Similar Part No. - CM05MC09T

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-101 FENGJUI-CM0502FB-101 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-102 FENGJUI-CM0502FB-102 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-142 FENGJUI-CM0502FB-142 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM0502FB-251 FENGJUI-CM0502FB-251 Datasheet
382Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CM05MC09T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BU05MC08T TAIYO-YUDEN-BU05MC08T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU05MC01T TAIYO-YUDEN-BU05MC01T Datasheet
146Kb / 1P
   SMD Common Mode Choke Coils for DC and Signal lines
BU08RA11 TAIYO-YUDEN-BU08RA11 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB802WK1 TAIYO-YUDEN-TLF9UB802WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH203WK1 TAIYO-YUDEN-TLF9UBH203WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM05RB01 TAIYO-YUDEN-CM05RB01 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RB01 TAIYO-YUDEN-CM08RB01 Datasheet
149Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB203WK1 TAIYO-YUDEN-TLF9UB203WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UB302WK1 TAIYO-YUDEN-TLF9UB302WK1 Datasheet
139Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
TLF9UBH802WK1 TAIYO-YUDEN-TLF9UBH802WK1 Datasheet
138Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com