Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA06P08310M0FTC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRA06P08310M0FTC
Description  Thick Film Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P08310M0FTC Datasheet(HTML) 1 Page - Vishay Siliconix

  CRA06P08310M0FTC Datasheet HTML 1Page - Vishay Siliconix CRA06P08310M0FTC Datasheet HTML 2Page - Vishay Siliconix CRA06P08310M0FTC Datasheet HTML 3Page - Vishay Siliconix CRA06P08310M0FTC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
8
CRA06P
Vishay Dale
Document Number 31047
Revision 25-Jul-05
For Technical Questions, contact: ff3aresistors@vishay.com
FEATURES
• Concave terminal array with square corners
• 8 terminal package with isolated resistors
• Wide ohmic range: 10R to 1M0
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with Lead (Pb)-free
and lead containing soldering processes
• Compatible with "Restriction of the use of Hazardous
Substances" (RoHS) directive 2002/95/EC (issue 2004)
• Operating temperature range of -55
°C to +150°C
Thick Film Resistor Array
NOTE: Products can be ordered using either the Product Description or the Part Number.
PARAMETER
UNIT
CRA06P
03 CIRCUIT
Rated Dissipation at 70
°C
W
0.0625
Limiting Element Voltage 1)
V
50
Insulation Voltage (1min)
V
dc/ac peak
100
Category Temperature Range
°C
- 55 to + 150
Insulation Resistance
> 10 10
TECHNICAL SPECIFICATIONS
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
CIRCUIT
LIMITING ELEMENT
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
P
70
°C
VOLTAGE MAX.
COEFFICIENT
RANGE
WV
ppm/K
%
CRA06P
0.0625
03
50
200
± 2; ± 5
10R - 1M0
24
100
± 1
10R - 1M0
24 - 96
Jumper: Zero-Ohm-Resistor available; R
≤ 50m Ω
CRA06P Thick Film resistor array is constructed on a high
grade ceramic body with concave terminations. A small
package enables the design of high density circuits. The single
component reduces board space, component counts and
assembly costs.
MODEL
TERMINAL STYLE
PIN
VALUE
TOLERANCE
SPECIAL
CRA06
P
08
R = Decimal
F = ± 1%
G = ± 2%
J = ± 5%
Z = 0
Ω Jumper
up to 2 digits
K = Thousand
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRA06P08310K0JTA
C
R
A
0
6
P
0
8
3
1
0
K
0JT
A
PRODUCT DESCRIPTION:
CRA06P 08 03 473 J RT1 e3
CRA06P
08
03
473
J
RT1
MODEL
TERMINAL COUNT
CIRCUIT TYPE
RESISTANCE VALUE
TOLERANCE
PACKING1)
CRA06P
08
03
473 = 47K
4702 = 47K
10R0 = 10
100 = 10
000 = 0
Ω Jumper
F = ± 1%
G = ± 2%
J = ± 5%
Z = 0
Ω Jumper
RT1
RT6
PACKING
TA = RT1
TC = RT6
CIRCUIT
3 = 03
First two digits (three
for 1 %) are significant.
Last digit is the
multiplier
1) Please refer to table PACKING, page 10.
M = Million
0000 = 0
Ω Jumper
e3
LEAD (Pb)-FREE
e3 = Pure Tin
Termination Finish
1) Rated voltage:
P*R


Similar Part No. - CRA06P08310M0FTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06P0830000FTA VISHAY-CRA06P0830000FTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0830000FTC VISHAY-CRA06P0830000FTC Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0830000GTA VISHAY-CRA06P0830000GTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0830000GTC VISHAY-CRA06P0830000GTC Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
CRA06P0830000JTA VISHAY-CRA06P0830000JTA Datasheet
96Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results

Similar Description - CRA06P08310M0FTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S_08 Datasheet
162Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA08C VISHAY-CRA08C Datasheet
45Kb / 2P
   Thick Film, Resistor Array
Revision 13-Feb-02
CRA06S08310K0JTA VISHAY-CRA06S08310K0JTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA06P VISHAY-CRA06P_08 Datasheet
132Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04S VISHAY-CRA04S Datasheet
142Kb / 2P
   Thick Film, Resistor Array
Revision 03-Sep-03
CRA06E VISHAY-CRA06E Datasheet
289Kb / 2P
   Thick Film, Resistor Array
Revision 22-Jan-03
CRA04S VISHAY-CRA04S_17 Datasheet
120Kb / 4P
   Thick Film Chip Resistor Array
Revison: 23-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com