Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC51C1XXX-12IED Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TSC51C1XXX-12IED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-12IED Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TSC51C1XXX-12IED Datasheet HTML 2Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 3Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 4Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 5Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 6Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 9Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
6
MATRA MHS
6. Basic Functional Description
6.1. Idle And Power Down Operation
Figure 3 shows the internal Idle and Power Down clock
configuration. As illustrated, Power Down operation
stops the oscillator. Idle mode operation allows the
interrupt, serial port, and timer blocks to continue to
operate while the clock to the CPU is gated off.
These special modes are activated by software via the
Special Function Register, its hardware address is 87h.
PCON is not bit addressable.
OSC
CLOCK
GEN.
INTERRUPT
SERIAL PORT
TIMER
BLOCKS
CPU
IDL
XTAL2
XTAL1
PD
Figure 3. Idle and Power Down Hardware.
PCON: Power Control Register
MSB
SFR 87h
LSB
SMOD
GF1
GF0
PD
IDL
Symbol
Position
Name and Function
IDL
PCON.0
Idle mode bit. Setting this bit activates idle mode operation.
PD
PCON.1
Power Down bit. Setting this bit activates power down operation.
GF0
PCON.2
General–purpose flag bit.
GF1
PCON.3
General–purpose flag bit.
PCON.4
(Reserved).
PCON.5
(Reserved).
PCON.6
(Reserved).
SMOD
PCON.7
Double Baud rate bit. Setting this bit causes the baud rate to double when the serial port
is being used in either modes 1, 2 or 3.
If 1’s are written to PD and IDL at the same time, PD takes precedence. The reset value of PCON is 0XXX0000b.
6.1.1. Idle Mode
The instruction that sets PCON.0 is the last instruction
executed before the Idle mode is activated. Once in the
Idle mode the CPU status is preserved in its entirety: the
Stack Pointer, Program Counter, Program Status Word,
Accumulator, RAM, and all other register maintain their
data during Idle Table 1 describes the status of the
external pins during Idle mode.
There are two ways to terminate the Idle mode.
Activation of any enabled interrupt will cause PCON.0
to be cleared by hardware terminating Idle mode. The
interrupt is serviced, and following RETI, the next
instruction to be executed will be the one following the
instruction that wrote 1 to PCON.0.
The flag bits GF0 and GF1 may be used to determine
whether the interrupt was received during normal
execution or during the Idle mode. For example, the
instruction that writes to PCON.0 can also set or clear
one or both flag bits. When Idle mode is terminated by
an enabled interrupt, the service routine can examine the
status of the flag bits.
The second way of terminating the Idle is with a
hardware reset. Since the oscillator is still running, the
hardware reset needs to be active for only 2 machine
cycles (24 oscillator periods) to complete the reset
operation.


Similar Part No. - TSC51C1XXX-12IED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Similar Description - TSC51C1XXX-12IED

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com