Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD50-12T15X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HDD50-12T15X
Description  DC-DC CONVERTER 50~60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDD50-12T15X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HDD50-12T15X Datasheet HTML 1Page - List of Unclassifed Manufacturers HDD50-12T15X Datasheet HTML 2Page - List of Unclassifed Manufacturers HDD50-12T15X Datasheet HTML 3Page - List of Unclassifed Manufacturers HDD50-12T15X Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-DC CONVERTER
HDD60 SERIES
50 ~ 60W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Transient recovery time: ....................
* Temperature coefficient: ....................
* Dimension: ......................................
>80KHz (typ.)
1,500VDC
>1G Ω(min.)
-25 to +71℃
-25 to +100℃
95℃
122,500Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
500µS, 25% load step change
±0.02% / ℃
88.9 X 140 X 22.4mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ........
* Input filter: .......................................
9 ~ 18VDC for 12V
18 ~ 36VDC for 24V
36 ~ 72VDC for 48V
Pi type
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: .................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Voltage trim range: ...........................
* Derating: .........................................
* Case material: ..................................
±1% at Vo_nom
No load for +5V, 20% for ±12V for triple
±1% at Vo_nom
±2% at Vo_nom for single output models
±2% at Vo_nom for dual output models
±1% mV (max.)
Up to 86%, see model list
±10% at Vo_nom
See table 1
Metal
CONTROL AND PROTECTION
* Remote on/off: .................................
* Output short circuit: ..........................
ON : Open or +5.5VDC(Min.)
OFF : +1.8VDC(Max.)
Continuous


Similar Part No. - HDD50-12T15X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDD-0810 AD-HDD-0810_15 Datasheet
2Mb / 6P
   HYBRID VIDEO LOW GLITCH D/A CONVERTER
HDD-1206 AD-HDD-1206 Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JW AD-HDD-1206JW Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWA AD-HDD-1206JWA Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWD AD-HDD-1206JWD Datasheet
1Mb / 4P
   12-Bit Deglitched Voltage Out D/A Converter
More results

Similar Description - HDD50-12T15X

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com