Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F422 Datasheet(PDF) 1 Page - Littelfuse

Part # F422
Description  3AG Slo-Blo Fuse 313/315 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F422 Datasheet(HTML) 1 Page - Littelfuse

  F422 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Glass Body
Axial Lead and Cartridge Fuses
3AG Slo-Blo® Fuse 313/315 Series
291
www .littelfuse .com
8
1000
100
10
1
0.1
0.01
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Number
Rating
Rating
Cold Ohms
A2 Sec.
313.010
315.010
1/100
250
3300.0000
0.000121
313.031
315.031
1/32
250
330.
0.00303
313.040
315.040
4/100
250
220
0.00630
313.062
315.062
1/16
250
91.0
0.0210
313.100
315.100
1/10
250
33.3
0.0850
313.125
315.125
1/8
250
22.3
0.152
313.150
315.150
15/100
250
15.3
0.270
313.175
315.175
.175
250
8.60
0.177
313.187
315.187
3/16
250
7.95
0.230
313.200
315.200
2/10
250
6.54
0.270
313.250
315.250
1/4
250
4.27
0.385
313.300
315.300
3/10
250
3.11
0.730
313.375
315.375
3/8
250
2.08
1.23
313.400
315.400
4/10
250
1.86
1.35
313.500*
315.500
1/2
250
1.25
2.55
313.600
315.600
6/10
250
0.914
4.00
313.700
315.700
7/10
250
0.695
5.90
313.750
315.750
3/4
250
0.617
7.16
313.800
315.800
8/10
250
0.550
8.00
313 001*
315 001
1
250
0.375
14.0
313 01.2
315 01.2
12/10
250
0.276
21.5
313 1.25
315 1.25
11/4
250
0.258
24.0
313 01.5*
315 01.5
11/2
250
0.190
38.0
313 01.6
315 01.6
16/10
250
0.170
49.6
313 01.8
315 01.8
18/10
250
0.140
58.0
313 002*
315 002
2
250
0.116
77.0
313 2.25
315 2.25
21/4
250
0.0960
121.0
313 02.5
315 02.5
21/2
250
0.0805
130.0
313 02.8
315 02.8
28/10
250
0.0670
170.0
313 003*
315 003
3
250
0.0588
200.0
313 03.2
315 03.2
32/10
250
0.0525
209.0
313 004*
315 004
4
250
0.0308
76.1
313 005*
315 005
5
250
0.0212
140.0
313 6.25*
315 6.25
61/4
250
0.0152
242.0
313 06.3
315 06.3
6.30
250
0.0152
242.0
313 007*
315 007
7
250
0.0127
347.0
313 008*
315 008
8
250
0.0110
445.0
313 010*
315 010
10
32
0.00820
760.0
313 012
315 012
12
32
0.00640
1200.0
313 015
315 015
15
32
0.00500
1870.0
313 020
315 020
20
32
0.00220
9560.0
313 025
315 025
25
32
0.00170
16500.0
313 030
315 030
30
32
0.00120
26900.0
*These ratings available with an indicating option. Add the ‘ID’ designation to
the series number. i.e. 313.500 ID.
Average Time Current Curves
®
UL
®
®
QPL
313 000 Series
315 000 Series
6.35 (.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
0.813 (.032") (
- 15A)
1.016 (.040") (20 - 30A)
1
100
/
A standard for cost-effective reliability and performance in circuit protec-
tion, the 3AG fuse satisfies a broad range of application requirements.
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 8 amperes. 10-30A ratings are recognized
under the components program of Underwriters Laboratories.
313 000 Series approved by METI from 1 through 5 amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
FUSES TO MIL SPEC: See F02B cartridge type in Military Section.
ORDERING INFORMATION:
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
5 seconds, Minimum
PATENTED
INTERUPTING RATING:
0.01-8A
10,000 @ 125VAC
0.1-1A
35A @ 250VAC
1.2-3.2A
100A @ 250VAC
4-8A
200A @ 250VAC
10-30A
300A @ 32VAC
Next
Previous


Similar Part No. - F422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F42202 ETC2-F42202 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
Integrated Technology F...
F4226 ITF-F4226 Datasheet
321Kb / 7P
   SAW Bandpass Filter
More results

Similar Description - F422

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
229250P LITTELFUSE-229250P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
229250 LITTELFUSE-229250 Datasheet
136Kb / 2P
   2AG Slo-Blo Fuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
047303.5YRT1- LITTELFUSE-047303.5YRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473003.YRT3- LITTELFUSE-0473003.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com