Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH30 Datasheet(PDF) 1 Page - Sony Corporation

Part # STH30
Description  Stereo Headset STH30
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

STH30 Datasheet(HTML) 1 Page - Sony Corporation

  STH30 Datasheet HTML 1Page - Sony Corporation STH30 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal compatibility
You can use STH30 with any popular
smartphone, tablet, laptop or music
player that has a standard 3.5 mm
audio connector. Whatever you like –
music on the move, gaming, mobile
video entertainment – you will get the
best experience.
Handsfree calling
When a call comes in, press the
inline remote to answer and press
again to end the call. You can also
use the inline remote to skip back
and forwards between tracks.
Comfort and clarity
Innovative and ergonomically
designed earbuds and advanced 9.2
mm dynamic earphone speakers give
you an impressive music listening
experience and a high degree of
comfort. You can enjoy all your
entertainment wherever you go and
as much as you want.
Any weather
STH30 is designed to perform in any
conditions. The entire headset is fully
waterproof including the headphone
speakers which are fitted with
specially designed water-repellant
acoustic fabric*. Great for exercising.
Great for anything.
*Note: For best audio, STH30 headphone
speakers should dry in room temperature
for up to three hours after being exposed
to water.
In detail
A high-quality and universally compatible stereo headset
at a very competitive price.
Authentic audio – Sony audio quality designed for an
excellent mobile music experience
High-comfort ergonomic earbuds – made to fit well,
stay put and block out background noise. In-ear sound
quality and in-concha comfort.
Sophisticated look and feel – designed to look well and
work excellently with every popular smartphone and tablet
on any market.
Sales argument – a high-quality and universally
compatible stereo headset at a very competitive price.
As good as the best.
Looks great. Sounds excellent
Easy listening and handsfree calling
Stereo Headset STH30
In short


Similar Part No. - STH30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
   Automotive-grade N-channel 24 V, 0.95 typ., 180 A
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
   Automotive-grade N-channel 650 V, 102 m廓 typ., 28 A MDmesh DM6 Power MOSFET in an H짼PAK-7 package
June 2021
More results

Similar Description - STH30

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
   AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
logo
Ultralife Corporation.
SOCOM-X ULTRALIFE-SOCOM-X Datasheet
742Kb / 2P
   Headset Series
20 May 2010 Rev A
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
STMicroelectronics
TS4604 STMICROELECTRONICS-TS4604 Datasheet
650Kb / 31P
   Stereo headset driver and analog audio line driver with integrated reference to ground
logo
Shenzhen Huazhimei Semi...
HM5813 HMSEMI-HM5813 Datasheet
1Mb / 9P
   Bluetooth headset backup power
logo
Tripp Lite. All Rights ...
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
   3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
   3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com