Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8S Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
Download  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 25Page - STMicroelectronics STM8S Datasheet HTML 26Page - STMicroelectronics STM8S Datasheet HTML 27Page - STMicroelectronics STM8S Datasheet HTML 28Page - STMicroelectronics STM8S Datasheet HTML 29Page - STMicroelectronics STM8S Datasheet HTML 30Page - STMicroelectronics STM8S Datasheet HTML 31Page - STMicroelectronics STM8S Datasheet HTML 32Page - STMicroelectronics STM8S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 467 page
background image
DocID14587 Rev 14
29/467
RM0016
Boot ROM
29
2
Boot ROM
The internal 2 Kbyte boot ROM (available in some devices) contains the bootloader code.
Its main tasks are to download the application program to the internal Flash/EEPROM
through the SPI, CAN, or UART interface, and to program the code, data, option bytes and
interrupt vectors in internal Flash/EEPROM.
To perform bootlloading in LIN mode, a different bootloader communication protocol is
implemented on UART2/UART3 and UART1.
The boot loader starts executing after reset. Refer to the STM8 bootloader user manual
(UM0560) for more details.


Similar Part No. - STM8S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
   STM8S access Discovery
November 2010 Rev 1
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
   16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
June 2017 Rev 2
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
   16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
August 2020
STM8S001J3M3 STMICROELECTRONICS-STM8S001J3M3 Datasheet
1Mb / 84P
   16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
June 2017 Rev 2
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
   16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
August 2020
More results

Similar Description - STM8S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F352EPF-G-SNE2 FUJITSU-MB95F352EPF-G-SNE2 Datasheet
116Kb / 2P
   8-bit Microcontrollers MB95350L Series
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB95F354EPF-G-SNE2 FUJITSU-MB95F354EPF-G-SNE2 Datasheet
116Kb / 2P
   8-bit Microcontrollers MB95350L Series
logo
Zilog, Inc.
Z51F3220FNX ZILOG-Z51F3220FNX Datasheet
2Mb / 312P
   Z8051 Series 8-Bit Microcontrollers
logo
STMicroelectronics
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
   Microstepping motor drive with STM8A and STM8S microcontrollers
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com