Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79D2251 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79D2251
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79D2251 Datasheet HTML 1Page - Advanced Micro Devices AM79D2251 Datasheet HTML 2Page - Advanced Micro Devices AM79D2251 Datasheet HTML 3Page - Advanced Micro Devices AM79D2251 Datasheet HTML 4Page - Advanced Micro Devices AM79D2251 Datasheet HTML 5Page - Advanced Micro Devices AM79D2251 Datasheet HTML 6Page - Advanced Micro Devices AM79D2251 Datasheet HTML 7Page - Advanced Micro Devices AM79D2251 Datasheet HTML 8Page - Advanced Micro Devices AM79D2251 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Am79D2251
5
ORDERING INFORMATION
AMD standard products are available in several packages and operating ranges. The ordering
number (valid combination) is formed by a combination of the elements below. Two ISLIC devices
need to be used with this part.
J
Valid Combinations
Valid combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations, and to check on
newly released valid combinations.
DEVICE NAME/DESCRIPTION
Am79D2251
Advanced Dual Intelligent Subscriber Line Audio-
Processing Circuit
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)
PACKAGE TYPE
J = 44-pin plastic leaded chip carrier (PL044)
V = 44-pin thin plastic quad flat pack (PQT044)
Am79D2251
C
Valid Combinations
Am79D2251
JC
Am79D2251
VC


Similar Part No. - AM79D2251

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM7910 AMD-AM7910 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
   WORLD CHIP FSK AUTODIAL MODEM
AM79101 AMD-AM79101 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
More results

Similar Description - AM79D2251

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
   Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
   Intelligent Subscriber Line Interface Circuit (ISLIC)
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com