Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82845PE Datasheet(PDF) 77 Page - Intel Corporation

Part # 82845PE
Description  82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845PE Datasheet(HTML) 77 Page - Intel Corporation

Back Button 82845PE Datasheet HTML 73Page - Intel Corporation 82845PE Datasheet HTML 74Page - Intel Corporation 82845PE Datasheet HTML 75Page - Intel Corporation 82845PE Datasheet HTML 76Page - Intel Corporation 82845PE Datasheet HTML 77Page - Intel Corporation 82845PE Datasheet HTML 78Page - Intel Corporation 82845PE Datasheet HTML 79Page - Intel Corporation 82845PE Datasheet HTML 80Page - Intel Corporation 82845PE Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 176 page
background image
Intel® 82845GE/82845PE Datasheet
77
Register Description
3.5.2.3
PCICMD1—PCI Command Register (Device 1)
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
Bit
Description
15:10
Reserved.
9
Fast Back-to-Back Enable (FB2B)—RO.
Hardwired to 0.
8
SERR Message Enable (SERRE).
This bit is a global enable bit for Device 1 SERR messaging. The
(G)MCH communicates the SERR# condition by sending an SERR message to the ICH. If this bit is
set to a 1, the (G)MCH is enabled to generate SERR messages over HI for specific Device 1 error
conditions that are individually enabled in the BCTRL1 register. The error status is reported in the
PCISTS1 register. If SERRE1 is reset to 0, then the SERR message is not generated by the (G)MCH
for Device 1.
7
Address/Data Stepping (ADSTEP).
Hardwired to 0. Address/data stepping is not implemented in
the (G)MCH.
6
Parity Error Enable (PERRE).
Hardwired to 0. Parity checking is not supported on the primary side
of this device.
5
Reserved.
4
Memory Write and Invalidate Enable (MWIE).
Hardwired to 0.
3
Special Cycle Enable (SCE).
Hardwired to 0.
2
Bus Master Enable (BME).
0 = Disable (Default). AGP Master initiated Frame# cycles are ignored by the (G)MCH. The result is
a master abort. Ignoring incoming cycles on the secondary side of the PCI-to-PCI bridge
effectively disabled the bus master on the primary side.
1 = AGP master initiated Frame# cycles are accepted by the (G)MCH if they hit a valid address
decode range. This bit has no affect on AGP Master originated SBA or PIPE# cycles.
1
Memory Access Enable (MAE).
0 = Disable. All of Device 1’s memory space is disabled.
1 = Enable. This bit must be set to 1 to enable the Memory and Pre-fetchable memory address
ranges defined in the MBASE1, MLIMIT1, PMBASE1, and PMLIMIT1 registers.
0
IO Access Enable (IOAE).
0 = Disable. All of Device 1’s I/O space is disabled.
1 = Enable. This bit must be set to1 to enable the I/O address range defined in the IOBASE1, and
IOLIMIT1 registers.


Similar Part No. - 82845PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8284500500 ETC2-8284500500 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Intel Corporation
82845G INTEL-82845G Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GL INTEL-82845GL Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GV INTEL-82845GV Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
82845GX INTEL-82845GX Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
More results

Similar Description - 82845PE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
316966-002 INTEL-316966-002 Datasheet
2Mb / 437P
   Graphics and Memory Controller Hub
82845G INTEL-82845G Datasheet
2Mb / 193P
   Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
290676-002 INTEL-290676-002 Datasheet
969Kb / 119P
   Intel 810E Chipset: 82810E Graphics and Memory Controller Hub (GMCH)
290656-002 INTEL-290656-002 Datasheet
491Kb / 120P
   Intel 82810/82810-DC100 Graphics and Memory Controller Hub (GMCH)
RG82855GMESL72L INTEL-RG82855GMESL72L Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
JG82855GMESL7VN INTEL-JG82855GMESL7VN Datasheet
1Mb / 213P
   Intel짰 855GM/855GME Chipset Graphics and Memory Controller Hub (GMCH)
82830MP INTEL-82830MP Datasheet
1Mb / 159P
   Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
290688-001 INTEL-290688-001 Datasheet
801Kb / 172P
   Intel 815 Chipset Family 82815 Graphics and Memory Controller Hub (GMCH)
E7320 INTEL-E7320 Datasheet
170Kb / 22P
   Intel짰 E7320 Memory Controller Hub (MCH)
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
   Intel짰 E7520 Memory Controller Hub (MCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com