Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75ALS126 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN75ALS126
Description  QUADRUPLE LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS126 Datasheet(HTML) 3 Page - Texas Instruments

  SN75ALS126 Datasheet HTML 1Page - Texas Instruments SN75ALS126 Datasheet HTML 2Page - Texas Instruments SN75ALS126 Datasheet HTML 3Page - Texas Instruments SN75ALS126 Datasheet HTML 4Page - Texas Instruments SN75ALS126 Datasheet HTML 5Page - Texas Instruments SN75ALS126 Datasheet HTML 6Page - Texas Instruments SN75ALS126 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75ALS126
QUADRUPLE LINE DRIVER
SLLS016C – FEBRUARY 1986 – REVISED FEBRUARY 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N
1150 mW
9.2 mW/
°C
736 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.95
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
High-level output current, IOH
– 59.3
mA
Operating free-air temperature, TA
0
70
°C


Similar Part No. - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121N TI1-SN75ALS121N Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz