Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75ALS126 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN75ALS126
Description  QUADRUPLE LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS126 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS126 Datasheet HTML 1Page - Texas Instruments SN75ALS126 Datasheet HTML 2Page - Texas Instruments SN75ALS126 Datasheet HTML 3Page - Texas Instruments SN75ALS126 Datasheet HTML 4Page - Texas Instruments SN75ALS126 Datasheet HTML 5Page - Texas Instruments SN75ALS126 Datasheet HTML 6Page - Texas Instruments SN75ALS126 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75ALS126
QUADRUPLE LINE DRIVER
SLLS016C – FEBRUARY 1986 – REVISED FEBRUARY 1993
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets IBM 360/370 I/O Interface
Specification GA22-6974-3 (Also See
SN75ALS130)
D Minimum Output Voltage of 3.11 V at
IOH = –60 mA
D Fault-Flag Circuit Output Signals Driver
Output Fault
D Fault-Detection Current Limit Circuit
Minimizes Power Dissipation During a
Fault Condition
D Advanced Low-Power Schottky Circuitry
D Dual Common Enable
D Individual Fault Flags
D Designed to Be an Improved Replacement
for the MC3481
description
The SN75ALS126 quadruple line driver is
designed
to
meet
the
IBM
360/370
I/O
specification GA22-6974-3. The output voltage is
3.11 V minimum (at IOH = – 59.3 mA) over the recommended ranges of supply voltage (4.5 V to 5.95 V) and
temperature. Driver outputs use a fault-detection current-limit circuit to allow high drive current but still minimize
power dissipation when the output is shorted to ground. The SN75ALS126 is compatible with standard T TL logic
and supply voltages.
The SN75ALS126 employs the IMPACT
™ process to achieve fast switching speeds and low power dissipation.
Fault-flag circuitry is designed to sense and signal a line short on any Y line. Upon detecting an output fault
condition, the fault-flag circuit forces the driver output into a low state and signals a fault condition by causing
the fault-flag output to go low.
The SN75ALS126 can drive a 50-
Ω load as required in the IBM GA22-6974-3 specification or a 90-Ω load as
used in many I/O systems. Optimum performance can be achieved when the device is used with either the
SN75127, SN75128, or SN75129 line receivers.
The SN75ALS126 is characterized for operation from 0
°C to 70°C.
IMPACT is a trademark of Texas Instruments Incorporated
Copyright
© 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1Y
1F
1A
1,2G
2A
2F
2Y
GND
VCC
4Y
4F
4A
3,4G
3A
3F
3Y
INPUTS
L
H
H
FUNCTION TABLE
H = high level, L = low level,
X = irrelevant,
S = shorted to GND
X
H
H
L
H
S
H
H
L
GA
Y
F
OUTPUTS


Similar Part No. - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121N TI1-SN75ALS121N Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz