Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75ALS126 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN75ALS126
Description  QUADRUPLE LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS126 Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS126 Datasheet HTML 1Page - Texas Instruments SN75ALS126 Datasheet HTML 2Page - Texas Instruments SN75ALS126 Datasheet HTML 3Page - Texas Instruments SN75ALS126 Datasheet HTML 4Page - Texas Instruments SN75ALS126 Datasheet HTML 5Page - Texas Instruments SN75ALS126 Datasheet HTML 6Page - Texas Instruments SN75ALS126 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75ALS126
QUADRUPLE LINE DRIVER
SLLS016C – FEBRUARY 1986 – REVISED FEBRUARY 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.3 V
1.3 V
F Output
Driver Short-Circuit
Operation
VOL
VOH
VOL
VOH
4 V
0 V
tPLH
tPHL
VH(ref)
0.5 V
tPHL
Y Output
Operation
Normal
1.3 V
10%
tf
90%
tPLH
10%
90%
1.3 V
tr
A Input
NOTE A: The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%,
tr ≤ 6 ns, tf ≤ 6 ns, ZO ≈ 50 Ω.
Figure 1. Input and Output Voltage Waveforms
RL
5 V
RL = 2 kΩ
CL = 15 pF
(see Note A)
F Output
Y Output
(see Note A)
CL = 50 pF
Testing F
Close for
NOTE A: CL includes probe and stray capacitance.
Figure 2. Switching Characteristics Load Circuits


Similar Part No. - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121N TI1-SN75ALS121N Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75ALS126

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz