Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1970 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1970
Description  Visible Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1970 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1970 Datasheet HTML 1Page - Microsemi Corporation LX1970 Datasheet HTML 2Page - Microsemi Corporation LX1970 Datasheet HTML 3Page - Microsemi Corporation LX1970 Datasheet HTML 4Page - Microsemi Corporation LX1970 Datasheet HTML 5Page - Microsemi Corporation LX1970 Datasheet HTML 6Page - Microsemi Corporation LX1970 Datasheet HTML 7Page - Microsemi Corporation LX1970 Datasheet HTML 8Page - Microsemi Corporation LX1970 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2002
Rev. 1.4b, 2005-08-10
LX1970
Visible Light Sensor
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
RECOMM END E D O P ERATING CONDITIONS
LX1970
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD )
5.5
V
SNK Compliance Voltage Range
VSS +0.5
VDD
V
SRC Compliance Voltage Range
VSS
VDD - 0.5
V
SNK/SRC Output Resistor Range
10
1000
KΩ
Note 1: SRC output will work down to VDD=1.8V
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
T
A 85°C, VDD = 2V to
5.5V, RLOAD= 50Kohms, Direct Light Input² of 14.6µW/cm
2 except where otherwise noted. Performance between -40°C and 0°C and
between 70°C and 85°C are assured by design and characterization.
LX1970
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
2
5.5
VDC
Input Supply Current
IDD
VDD = 3.0V, ISRC = 38µA, ISNK= open
60
85
110
µA
ISRC
VDD = 3.0V
30
38
46
µA
Output Current
3
ISNK
VDD = 3.0V
-30
-38
-46
µA
Output SNK/SRC Current Matching
IMATCH
VDD = 3.0V
0.5
2
%
SNK Minimum Compliance Voltage
SNKVMIN
VDD = 3.0V, @ 95% of nominal output
current
VSS +0.3
VSS +0.5
V
SRC Maximum Compliance Voltage
SRCVMAX
VDD = 3.0V, @ 95% of nominal output
current
VDD – 0.3 VDD – 0.5
V
SNK/SRC Output Dark Current
IDARK
VDD = 5.5V, No Light
10
300
nA
Wavelength of Peak Sensitivity
λPS
520
nm
Half Reception Angle
θ½
±60
deg
Supply Voltage Coefficient of Output
Current
PSRR
VDD = 2V to 5.5V
2.2
5
%/V
Sensitivity @ 540nm (peak)
Irradiance current responsivity
2.6
A/(W/cm
2)
Sensitivity Change @ 910nm
4
Current responsivity change with
additional direct light input of 14.6µW/cm
2
at 910nm
-5
0
5
% of peak
Radiant Sensitive Area
Photodiode area
0.369
mm
2
Note 2: The input irradiance is supplied from a white light-emitting diode (LED) optical source adjusted to impose 14.6µW/cm
2 at 555nm on the sensor’s
surface.
Note 3: See Figure 1
Note 4: See Figure 2


Similar Part No. - LX1970

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
440Kb / 10P
   Visible Light Sensor
LX1970IDU MICROSEMI-LX1970IDU Datasheet
440Kb / 10P
   Visible Light Sensor
LX1970IDU-TR MICROSEMI-LX1970IDU-TR Datasheet
440Kb / 10P
   Visible Light Sensor
LX1970MINI MICROSEMI-LX1970MINI Datasheet
54Kb / 1P
   LX1970 Light Sensor
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
More results

Similar Description - LX1970

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
   Visible Light Sensor
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
   Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
   Visible Light Sensor
KVS-1001 KODENSHI-KVS-1001 Datasheet
46Kb / 2P
   Visible Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
Microsemi Corporation
LX1971 MICROSEMI-LX1971 Datasheet
345Kb / 9P
   Wide Range Visible Light Sensor
LX1971 MICROSEMI-LX1971_05 Datasheet
339Kb / 9P
   Wide Range Visible Light Sensor
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
   Visible Light Detector
logo
KODENSHI_AUK CORP.
ST341R2 KODENSHI-ST341R2 Datasheet
146Kb / 2P
   Visible light cut
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com