Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962G9583403VXXA Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 5962G9583403VXXA
Description  Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962G9583403VXXA Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  5962G9583403VXXA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962G9583403VXXA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
DC ELECTRICAL CHARACTERISTICS 1
(V
DD = 5.0V +10%; -55°C < TC < +125°C)
Notes:
1. Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground.
2. Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at a time, do not excee d
maximum junction temperature specification.
3. Guaranteed by characterization.
4. Device tested at VCC = 5.5V only.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIH
High-level input voltage
(TTL)
2.0
V
V
IL
Low-level input voltage
(TTL)
0.8
V
VOL
Low-level output voltage
IOL = 2mA, VDD = 4.5V
0.3
V
VOH
High-level output voltage
IOH = -0.4mA, VDD = 4.5V
4.0
V
I
IN
Logic input leakage current
Inputs, V
IN = 0 and 2.4V, V CC = 5.5
Enables = EN/EN= 0 and 5.5V,
VCC = 5.5
-10
-10
+10
+10
µA
VTH
3
Differential Input High Threshold
V
CM = +1.2V
+100
mV
VTL
3
Differential Input Low Threshold
VCM = +1.2V
-100
mV
II
Receiver input Current
VIN = 2.4V
-10
+10
µΑ
IOZ
4
Output Three-State Current
Disabled, V
OUT = 0 V or VDD
-10
+10
µΑ
VCL
Input clamp voltage
ICL = +/-18mA
-1.5
1.5
V
IOS
3
Output Short Circuit Current
Enabled, VOUT = 0 V
2
-15
-130
mA
ICC
4
Loaded supply current receivers
enabled
EN, EN = V
DD or V SS
Inputs Open
11
mA
ICCZ
4
Loaded supply current receivers
disabled
EN = VSS, EN = VDD
Inputs Open
11
mA


Similar Part No. - 5962G9583403VXXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9583403VXXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
logo
Analog Devices
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
logo
National Semiconductor ...
DS14C89AT NSC-DS14C89AT Datasheet
117Kb / 6P
   Quad CMOS Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
logo
Analog Devices
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com